전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54066 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL54066
상세설명  Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54066 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL54066 Datasheet HTML 1Page - Intersil Corporation ISL54066 Datasheet HTML 2Page - Intersil Corporation ISL54066 Datasheet HTML 3Page - Intersil Corporation ISL54066 Datasheet HTML 4Page - Intersil Corporation ISL54066 Datasheet HTML 5Page - Intersil Corporation ISL54066 Datasheet HTML 6Page - Intersil Corporation ISL54066 Datasheet HTML 7Page - Intersil Corporation ISL54066 Datasheet HTML 8Page - Intersil Corporation ISL54066 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6584.1
ISL54066
Negative Signal Swing, High Off-Isolation,
Dual SPST Single Supply Switch
The Intersil ISL54066 device is a low ON-resistance, high
off-isolation, low voltage, dual single-pole/single-throw (SPST)
analog switch. It was designed to operate from a single +1.8V
to +6.5V supply and can pass signals that swing down to 6.5V
below the positive supply rail. Targeted applications include
battery powered equipment that benefit from low rON (1Ω),
high off-isolation (80dB) and fast switching speeds
(tON = 40ns, tOFF = 30ns). The digital logic input is 1.8V
logic-compatible when using a single +3V supply.
The ISL54066 incorporates a T-switch architecture. This
approach results in excellent signal off-isolation while
retaining a low impedance signal path when switches are ON.
The ISL54066 is offered in small form factor packages,
alleviating board space limitations. The ISL54066 is available
in 10Ld µTQFN and TDFN packages.
The ISL54066 is a dual single-pole/single-throw (SPST)
normally open (NO) switch with independent logic control.
Features
• Pb-free (RoHS Compliant)
• Negative Signal Swing (Max 6.5V Below V+)
• T-switch Architecture
• ON-Resistance (rON)
- V+ = +4.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Ω
- V+ = +4.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Ω
- V+ = +2.7V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5
Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω
•rON Matching Between Channels . . . . . . . . . . . . . . . . . 10mΩ
•rON Flatness Across Signal Range . . . . . . . . . . . . . . . . . 0.2Ω
• Single Supply Operation . . . . . . . . . . . . . . . . .+1.8V to +6.5V
• Low Power Consumption @ 3V (PD). . . . . . . . . . . . 60nW
• Fast Switching Action (V+ = +4.3V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV
• 1.8V Logic Compatible (+3V Supply)
• Low I+ Current when VinH is not at the V+ Rail
• Available in 10 Ld µTQFN and 10 Ld 3x3 TDFN
Applications
• Battery powered, Handheld, and Portable Equipment
- Cellular/mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
TABLE 1. FEATURES AT A GLANCE
ISL54066
Number of Switches
2
Switch Type
SPST NO
4.3V rON
1
Ω
4.3V tON/tOFF
40ns/30ns
2.7V rON
1.5
Ω
2.7V tON/tOFF
60ns/30ns
1.8V rON
3
Ω
1.8V tON/tOFF
180ns/44ns
Packages
10 Ld µTQFN, 10 Ld TDFN
VCOM (V)
01
2
3
4
5
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-1
-2
-3
-4
-5
-6
ICOM = 100mA
V+ = 1.8V
V+ = 2.7V
V+ = 4.5V
ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
Data Sheet
November 3, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL54066

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54066 INTERSIL-ISL54066 Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
ISL54066 INTERSIL-ISL54066 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54066IRUZ-T INTERSIL-ISL54066IRUZ-T Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54066IRUZ-T RENESAS-ISL54066IRUZ-T Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results

유사한 설명 - ISL54066

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com