전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA6J19A 데이터시트(PDF) 3 Page - Micro Commercial Components

부품명 SMA6J19A
상세설명  600 Watt Transient Voltage Suppressors 5.0 to 33 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMA6J19A 데이터시트(HTML) 3 Page - Micro Commercial Components

  SMA6J19A Datasheet HTML 1Page - Micro Commercial Components SMA6J19A Datasheet HTML 2Page - Micro Commercial Components SMA6J19A Datasheet HTML 3Page - Micro Commercial Components SMA6J19A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMA6J5.0A thru SMA6J33A
MCC
TM
Micro Commercial Components
Uni-polar
Bi-polar
Min. (V) Max. (V) IT (mA)
Uni
Bi
SMA6J5.0A
6.40
7.00
10
800
5.0
65.2
9.2
KE
SMA6J6.0A
6.67
7.37
10
800
6.0
58.3
10.3
KG
SMA6J9.0A
SMA6J9.0CA
10.0
11.1
1
5.0
9.0
39.0
15.4
KV
TV
MCC
Part Number
Breakdown Voltage
VBR @ IT
Device
Marking
Code
Maximum
Reverse
Surge Current
Ipp(A)
@10x1000us
sinewave
Maximum
Clamping
Voltage
Vc (Volts)
@Ipp
Maximum
Reverse
Leakage
ID(uA)
@VWM
Reverse
Stand-Off
Voltage VWM
(Volts)
Revision: A
2011/03/07
SMA6J10A
SMA6J10CA
11.1
12.3
1
5.0
10
35.3
17.0
KX
TX
SMA6J11A
SMA6J11CA
12.2
13.5
1
5.0
11
33.0
18.2
KZ
TZ
Note:
1. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .
SMA6J12A
SMA6J12CA
13.3
14.7
1
5.0
12
30.2
19.9
LE
UE
SMA6J13A
SMA6J13CA
14.4
15.9
1
5.0
13
27.9
21.5
LG
UG
SMA6J14A
SMA6J14CA
15.6
17.2
1
5.0
14
25.9
23.2
LK
UK
SMA6J15A
SMA6J15CA
16.7
18.5
1
5.0
15
24.6
24.4
LM
UM
SMA6J16A
SMA6J16CA
17.8
19.7
1
5.0
16
23.1
26.0
LP
UP
SMA6J17A
SMA6J17CA
18.9
20.9
1
5.0
17
21.7
27.6
LR
UR
SMA6J18A
20.0
22.1
1
5.0
18
20.5
29.2
LT
SMA6J19A
21.1
23.3
1
5.0
19
19.5
30.8
LB
SMA6J20A
22.2
24.5
1
5.0
20
18.5
32.4
LV
SMA6J22A
24.4
26.9
1
5.0
22
16.9
35.5
LX
SMA6J24A
SMA6J24CA
26.7
29.5
1
5.0
24
15.4
38.9
LZ
UZ
SMA6J26A
28.9
31.9
1
5.0
26
14.3
42.1
ME
SMA6J28CA
31.1
34.4
1
5.0
28
13.2
45.4
WG
SMA6J33A
36.7
40.6
1
5.0
33
11.3
53.3
MM
www.mccsemi.com
3
of 4
2. The items in blue character are still under development.


유사한 부품 번호 - SMA6J19A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMA6J19A SECOS-SMA6J19A Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
SMA6J19A SECOS-SMA6J19A Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
logo
Anova Technologies CO.,...
SMA6J19A ANOVA-SMA6J19A Datasheet
274Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMA6J19A LUGUANG-SMA6J19A Datasheet
818Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
SeCoS Halbleitertechnol...
SMA6J19A-C SECOS-SMA6J19A-C Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
More results

유사한 설명 - SMA6J19A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F5.0A MCC-SMA6F5.0A_12 Datasheet
330Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F12A-TP MCC-SMA6F12A-TP Datasheet
330Kb / 5P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
5KP5.0 MCC-5KP5.0 Datasheet
509Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts
5KP250A MCC-5KP250A_15 Datasheet
404Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
5KP5.0 MCC-5KP5.0_11 Datasheet
608Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com