전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59483EVAL1Z 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL59483EVAL1Z
상세설명  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59483EVAL1Z 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL59483EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL59483EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL59483EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL59483EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL59483EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL59483EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL59483EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL59483EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL59483EVAL1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN6394.2
May 21, 2007
FIGURE 7. MUX2: LARGE SIGNAL GAIN vs FREQUENCY vs
CL INTO 500Ω LOAD
FIGURE 8. MUX2: LARGE SIGNAL GAIN vs FREQUENCY vs
CL INTO 150Ω LOAD
FIGURE 9. MUX2: GAIN vs FREQUENCY vs RL
FIGURE 10. MUX2: 0.1dB GAIN FLATNESS
FIGURE 11. MUX2: ZOUT vs FREQUENCY - ENABLED
FIGURE 12. MUX2: ZOUT vs FREQUENCY - HIZ
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
1G
FREQUENCY (Hz)
CL INCLUDES 0.6pF
BOARD CAPACITANCE
VOUT = 2VP-P
CL = 8.8pF
CL = 5.3pF
CL = 2.1pF
CL = 0.6pF
-10
-8
-6
-4
-2
0
2
4
6
8
10
1M
10M
100M
1G
FREQUENCY (Hz)
CL INCLUDES 0.6pF
BOARD CAPACITANCE
VOUT = 2VP-P
CL = 12.6pF
CL = 5.3pF
CL = 2.1pF
CL = 0.6pF
-5
-4
-3
-2
-1
0
1
2
1M
10M
100M
1G
FREQUENCY (Hz)
-6
-7
-8
VOUT = 0.2VP-P
CL = 1.1pF
RL = 150Ω
RL = 250Ω
RL = 500Ω
RL = 1kΩ
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.3
1M
10M
100M
1G
FREQUENCY (Hz)
-0.6
-0.7
0.2
VOUT = 0.2VP-P
RL = 500Ω
CL = 1.1pF
RL = 150Ω
CL = 2.1pF
100
10
1
0.1
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
VSOURCE = 2VP-P
10k
1k
100
10
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
VSOURCE = 2VP-P
ISL59483


유사한 부품 번호 - ISL59483EVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59483EVAL1Z RENESAS-ISL59483EVAL1Z Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

유사한 설명 - ISL59483EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com