전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL55142IVZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL55142IVZ
상세설명  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55142IVZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL55142IVZ Datasheet HTML 6Page - Intersil Corporation ISL55142IVZ Datasheet HTML 7Page - Intersil Corporation ISL55142IVZ Datasheet HTML 8Page - Intersil Corporation ISL55142IVZ Datasheet HTML 9Page - Intersil Corporation ISL55142IVZ Datasheet HTML 10Page - Intersil Corporation ISL55142IVZ Datasheet HTML 11Page - Intersil Corporation ISL55142IVZ Datasheet HTML 12Page - Intersil Corporation ISL55142IVZ Datasheet HTML 13Page - Intersil Corporation ISL55142IVZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6230.2
March 1, 2011
ISL55141, ISL55142, ISL55143
Package Outline Drawing
M14.173
14 LEAD THIN SHRINK SMALL OUTLINE PACKAGE (TSSOP)
Rev 3, 10/09
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
B
A
17
8
14
C
PLANE
SEATING
0.10 C
0.10
CB A
H
PIN #1
I.D. MARK
5.00 ±0.10
4.40 ±0.10
0.25 +0.05/-0.06
6.40
0.20 C B A
0.05
0°-8°
GAUGE
PLANE
SEE
0.90 +0.15/-0.10
0.60 ±0.15
0.09-0.20
5
2
3
1
3
1.00 REF
0.65
1.20 MAX
0.25
0.05 MIN
0.15 MAX
(1.45)
(5.65)
(0.65 TYP)
(0.35 TYP)
DETAIL "X"
1. Dimension does not include mold flash, protrusions or gate burrs.
Mold flash, protrusions or gate burrs shall not exceed 0.15 per side.
2. Dimension does not include interlead flash or protrusion. Interlead
flash or protrusion shall not exceed 0.25 per side.
3. Dimensions are measured at datum plane H.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.
5. Dimension does not include dambar protrusion. Allowable protrusion
shall be 0.80mm total in excess of dimension at maximum material
condition. Minimum space between protrusion and adjacent lead is 0.07mm.
6. Dimension in ( ) are for reference only.
7. Conforms to JEDEC MO-153, variation AB-1.
NOTES:
END VIEW


유사한 부품 번호 - ISL55142IVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL55142IVZ INTERSIL-ISL55142IVZ Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55142IVZ INTERSIL-ISL55142IVZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55142IVZ RENESAS-ISL55142IVZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results

유사한 설명 - ISL55142IVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL55141IRZ INTERSIL-ISL55141IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
ISL55141_0607 INTERSIL-ISL55141_0607 Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com