전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SCR542D 데이터시트(PDF) 2 Page - Rohm

부품명 2SCR542D
상세설명  Midium Power Transistors (30V / 5A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SCR542D 데이터시트(HTML) 2 Page - Rohm

  2SCR542D Datasheet HTML 1Page - Rohm 2SCR542D Datasheet HTML 2Page - Rohm 2SCR542D Datasheet HTML 3Page - Rohm 2SCR542D Datasheet HTML 4Page - Rohm 2SCR542D Datasheet HTML 5Page - Rohm 2SCR542D Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
2SCR542D
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
30
-
-
V
IC= 1mA
Collector-base breakdown voltage
BVCBO
30
-
-
V
IC= 100μA
Emitter-base breakdown voltage
BVEBO
6-
-
V
IE= 100μA
Collector cut-off current
ICBO
--
1
μA VCB= 30V
Emitter cut-off current
IEBO
--
1
μA VEB= 4V
Collector-emitter staturation voltage
VCE(sat)
-
200
400
mV IC= 2A, IB= 100mA
DC current gain
hFE
200
-
500
-
VCE= 2V, IC= 500mA
Turn-on time
ton
-40
-
ns
Storage time
tstg
-
320
-
ns
Fall time
tf
-25
-
ns
*1 Pulsed
*2 See switching time test circuit
-pF
Collector output capacitance
Cob
VCB= 10V, IE=0A
f=1MHz
-
IC= 2.5A, IB1= 250mA,
IB2=-250mA, VCC 10V
25
Conditions
Parameter
MHz
250
-
VCE= 10V
IE=-100mA, f=100MHz
Transition frequency
fT
-
*2
*2
*2
*1
*1
~_
2/5
2010.12 - Rev.A


유사한 부품 번호 - 2SCR542D

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SCR542D ISC-2SCR542D Datasheet
308Kb / 2P
   isc Silicon NPN Power Transistors
More results

유사한 설명 - 2SCR542D

제조업체부품명데이터시트상세설명
logo
Rohm
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 5A)
2SAR542P ROHM-2SAR542P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (-30V / -5A)
2SAR542D ROHM-2SAR542D Datasheet
599Kb / 6P
   Midium Power Transistors (-30V/-5A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
   Midium Power Transistors (30V / 1A)
2SCR512P5 ROHM-2SCR512P5 Datasheet
1Mb / 9P
   Midium Power Transistors (30V / 2V)
2SAR552P ROHM-2SAR552P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-30V / -3A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
   Midium Power Transistors (-30V / -1A)
QS5Y1 ROHM-QS5Y1 Datasheet
1Mb / 8P
   Midium Power Transistors (30V / 3A)
2SCR512P ROHM-2SCR512P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 2A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
   Midium Power Transistors (30V / 1A)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com