전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISLA222P13IRZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISLA222P13IRZ
상세설명  Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA222P13IRZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISLA222P13IRZ Datasheet HTML 1Page - Intersil Corporation ISLA222P13IRZ Datasheet HTML 2Page - Intersil Corporation ISLA222P13IRZ Datasheet HTML 3Page - Intersil Corporation ISLA222P13IRZ Datasheet HTML 4Page - Intersil Corporation ISLA222P13IRZ Datasheet HTML 5Page - Intersil Corporation ISLA222P13IRZ Datasheet HTML 6Page - Intersil Corporation ISLA222P13IRZ Datasheet HTML 7Page - Intersil Corporation ISLA222P13IRZ Datasheet HTML 8Page - Intersil Corporation ISLA222P13IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) and FemtoCharge are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P
The ISLA222P is a family of dual-channel 12-bit
analog-to-digital converters. Designed with Intersil’s
proprietary FemtoCharge™ technology on a standard CMOS
process, the family supports sampling rates of up to
250MSPS. The ISLA222P is part of a pin-compatible portfolio
of 12-bit and 14-bit dual-channel A/Ds with maximum sample
rates ranging from 130MSPS to 250MSPS.
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of various parameters
such as gain and offset.
Digital output data is presented in selectable LVDS or CMOS
formats. The ISLA222P is available in a 72 lead QFN package
with an exposed paddle. Operating from a 1.8V supply,
performance is specified over the full industrial temperature
range (-40°C to +85°C).
Key Specifications
• SNR @ 250/200/130MSPS
70.3/71.0/71.3dBFS fIN = 30MHz
68.5/68.8/68.4dBFS fIN = 363MHz
• SFDR @ 250/200/130MSPS
85/87/86dBc fIN = 30MHz
73/75/80dBc fIN = 363MHz
• Total Power Consumption = 823mW @ 250MSPS
Features
• Single Supply 1.8V Operation
• Clock Duty Cycle Stabilizer
• 75fs Clock Jitter
• 700MHz Bandwidth
• Programmable Built-in Test Patterns
•Multi-ADC Support
- SPI Programmable Fine Gain and Offset Control
- Support for Multiple ADC Synchronization
- Optimized Output Timing
• Nap and Sleep Modes
- 200µs Sleep Wake-up Time
• Data Output Clock
• DDR LVDS-Compatible or LVCMOS Outputs
• User-accessible Digital Temperature Monitor
Applications
• Radar Array Processing
• Software Defined Radios
• Broadband Communications
• High-Performance Data Acquisition
• Communications Test Equipment
DIGITAL
ERROR
CORRECTION
SHA
1.25V
VINBP
VINBN
12-BIT
250 MSPS
ADC
CLOCK
MANAGEMENT
SHA
12-BIT
250 MSPS
ADC
CLKP
CLKN
SPI
CONTROL
VREF
CLKOUTP
CLKOUTN
D[11:0]P
D[11:0]N
ORP
ORN
OUTFMT
OUTMODE
+
VCM
VREF
VINAN
VINAP
+
-
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
ISLA224P25
14
250
ISLA224P20
14
200
ISLA224P13
14
130
ISLA222P25
12
250
ISLA222P20
12
200
ISLA222P13
12
130
June 17, 2011
FN7853.1


유사한 부품 번호 - ISLA222P13IRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISLA222P13IRZ RENESAS-ISLA222P13IRZ Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

유사한 설명 - ISLA222P13IRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com