전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA2902YFV-C 데이터시트(PDF) 5 Page - Rohm

부품명 BA2902YFV-C
상세설명  Automotive Operational Amplifiers: Ground Sense
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA2902YFV-C 데이터시트(HTML) 5 Page - Rohm

  BA2902YFV-C Datasheet HTML 1Page - Rohm BA2902YFV-C Datasheet HTML 2Page - Rohm BA2902YFV-C Datasheet HTML 3Page - Rohm BA2902YFV-C Datasheet HTML 4Page - Rohm BA2902YFV-C Datasheet HTML 5Page - Rohm BA2902YFV-C Datasheet HTML 6Page - Rohm BA2902YFV-C Datasheet HTML 7Page - Rohm BA2902YFV-C Datasheet HTML 8Page - Rohm BA2902YFV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Technical Note
5/16
BA2904YF-C,BA2904YFVM-C,BA2902YF-C,BA2902YFV-C
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
0.0
0.2
0.4
0.6
0.8
1.0
0
1020
3040
SUPPLY VOLTAGE [V]
0.0
0.2
0.4
0.6
0.8
1.0
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
0
1020
3040
SUPPLY VOLTAGE [V]
0
1
2
3
4
5
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
01
2
34
5
OUTPUT VOLTAGE [V]
0
10
20
30
40
50
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2
OUTPUT VOLTAGE [V]
0
10
20
30
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
60
70
80
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Derating Curve
Maximum Output Voltage – Supply Voltage
(RL=10[kΩ])
Maximum Output Voltage – Ambient Temperature
(VCC=5[V],RL=2[kΩ])
Output Source Current – Output Voltage
(VCC=5[V])
Output Source Current – Ambient Temperature
(VOUT=0[V])
Output Sink Current – Output Voltage
(VCC=5[V])
Output Sink Current – Ambient Temperature
(VOUT=VCC)
Low Level Sink Current – Supply Voltage
(VOUT=0.2[V])
Low Level Sink Current – Ambient Temperature
(VOUT=0.2[V])
Input Offset Voltage – Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Reference Data BA2904Y family
25℃
125℃
40℃
3V
32V
5V
BA2904YF-C
BA2904Y family
BA2904YFVM-C
BA2904Y family
BA2904Y family
25℃
-40℃
-40℃
25℃
125℃
125℃
-40℃
125℃
25℃
-40℃
25℃
125℃
15V
3V
5V
-40℃
25℃
3V
5V
15V
125℃
BA2904Y family
BA2904Y family
BA2904Y family
BA2904Y family
BA2904Y family
BA2904Y family
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Fig. 11
Fig. 12
BA2904Y family
BA2904Y family
BA2904Y family
32V
5V
3V
(*)The data above is ability value of sample, it is not guaranteed.


유사한 부품 번호 - BA2902YFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BA2902YFV-CE2 ROHM-BA2902YFV-CE2 Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
More results

유사한 설명 - BA2902YFV-C

제조업체부품명데이터시트상세설명
logo
Rohm
BA2904YF-M ROHM-BA2904YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA2904FC ROHM-BA2904FC Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
BA2902YF-M ROHM-BA2902YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com