전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAJ6DD0WT 데이터시트(PDF) 8 Page - Rohm

부품명 BAJ6DD0WT
상세설명  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BAJ6DD0WT 데이터시트(HTML) 8 Page - Rohm

Back Button BAJ6DD0WT Datasheet HTML 4Page - Rohm BAJ6DD0WT Datasheet HTML 5Page - Rohm BAJ6DD0WT Datasheet HTML 6Page - Rohm BAJ6DD0WT Datasheet HTML 7Page - Rohm BAJ6DD0WT Datasheet HTML 8Page - Rohm BAJ6DD0WT Datasheet HTML 9Page - Rohm BAJ6DD0WT Datasheet HTML 10Page - Rohm BAJ6DD0WT Datasheet HTML 11Page - Rohm BAJ6DD0WT Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Technical Note
8/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
Peripheral Circuit Considerations
Vcc Terminal
Please attach a capacitor (greater than 0.33µF) between the Vcc and GND.
The capacitance values will differ depending on the application, so please take this into account when configuring the terminal.
GND Terminal
Please be sure to keep the set ground and IC ground at the same potential level so that a potential difference does not
arise between them.
If a potential difference arises between the set ground and the IC ground, the preset voltage will not be outputted, causing
the system to become unstable. Therefore, please reduce the impedance by making the ground patterns as wide as
possible and by reducing the distance between the set ground and the IC ground as much as possible.
CTL Terminal
The CTL terminal is turned ON at 2.0V and higher and OFF at 0.8V and lower within the operating power supply voltage range.
The power supply and the CTL terminal may be started up and shut down in any order without problems.
Vo Terminal
Fig.32 Output Equivalent Circuit
Fig.33 ESR-Io Characteristics
Fig.34 ESR vs Io Characteristics
(BA□□CC0)
(B A□□DD0)
Please attach an anti-oscillation capacitor between Vcc and GND. The capacitance of the capacitor may significantly change
due to factors such as temperature changes, making it impossible to completely stop oscillations. Please use a tantalum
capacitor or aluminum electrolysis capacitor with favorable characteristics and small internal series resistance (ESR) even at
low temperatures. The output fluctuates regardless of whether the ESR is large or small. Please use the IC within the stable
operating region while referring to the ESR characteristics reference data shown in Figs.32 through 34. In applications where
there are sudden load fluctuations, the use of a capacitor with large capacitance is recommended.
OUT
22μF
IC
OUTPUT CURRENT:lo(mA)
200
400
800
1000
0.1
1
10
Stable operating region
100
0
600
Unstable operating region
Unstable operating region
10000
1
0.1
1
10
100
1
OUTPUT CURRENT:lo(mA)
Unstable operating region
Unstable operating region
Stable operating region
10
100
1000


유사한 부품 번호 - BAJ6DD0WT

제조업체부품명데이터시트상세설명
logo
Rohm
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
402Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BAJ6DD0WT ROHM-BAJ6DD0WT Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

유사한 설명 - BAJ6DD0WT

제조업체부품명데이터시트상세설명
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com