전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA80BC0WFP 데이터시트(PDF) 4 Page - Rohm

부품명 BA80BC0WFP
상세설명  1A Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA80BC0WFP 데이터시트(HTML) 4 Page - Rohm

  BA80BC0WFP Datasheet HTML 1Page - Rohm BA80BC0WFP Datasheet HTML 2Page - Rohm BA80BC0WFP Datasheet HTML 3Page - Rohm BA80BC0WFP Datasheet HTML 4Page - Rohm BA80BC0WFP Datasheet HTML 5Page - Rohm BA80BC0WFP Datasheet HTML 6Page - Rohm BA80BC0WFP Datasheet HTML 7Page - Rohm BA80BC0WFP Datasheet HTML 8Page - Rohm BA80BC0WFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BA□□BC0 Series,BA□□BC0W Series,BA00BC0W Series
Technical Note
4/8
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
TSD
OCP
Driver
Vref
1
Vcc
N.C.
OUT
2
3
22μF
GND
Fin
0.33μF
(TO252-3)
GND
(TO220FP-3)
(TO252-3)
R1
R2
Block Diagrams / Standard Example Application Circuits
[BA□□BC0T] / [BA□□BC0FP]
[BA□□BC0WT] / [BA□□BC0WT-V5] / [BA□□BC0WFP]
Fig.13
[BA00BC0WT] / [BA00BC0WCP-V5] / [BA00BC0WFP] / [BA00BC0WT-V5]
Fig.14
Fig.15
Pin No.
Pin name
Function
1
CTL
Output voltage on/off control
2
Vcc
Supply voltage input
3
N.C./GND
NC pin/GND*1
4
OUT
Power supply output
5
N.C.
NC pin
FIN
GND
GND*2
*1 NC pin for TO252-5 and GND pin for TO220FP-5 and TO220FP-5 (V5).
*2 TO252-5 only.
Pin No.
Pin name
Function
1
Vcc
Supply voltage input
2
N.C./GND
NC pin/GND *1
3
OUT
Voltage output
FIN
GND
GMD*2
*1 NC pin for TO252-3 and GND pin for TO220FP-3 and TO220FP-5 (V5).
*2 TO252-3 only.
TSD
OCP
Driver
Vref
1
0.33μF
CTL
GND(TO252-5)
OUT
Fin
4
22μF
2
Vcc
N.C.
5
Vcc
R2
R1
3
N.C.
(TO252-5)
GND
(TO220FP-5,
-5(V5)
TSD
OCP
Driver
Vref
1
0.33μF
CTL
GND(TO252-5)
OUT
Fin
4
22μF
2
Vcc
C
5
Vcc
R2
R1
3
N.C.
(TO252-5)
GND
(TO220FP-5,
-5(V5)
Pin No.
Pin name
Function
1
CTL
Output voltage on/off control
2
Vcc
Supply voltage input
3
N.C./GND
NC pin/GND*1
4
OUT
Power supply output
5
ADJ pin
FIN
GND
GND*2
*1 NC pin for TO252-5 and GND pin for TO220FP-5 and TO220FP-5 (V5).
*2 TO252-5 only.
1 23 45
12 34 5
TO220FP-5 TO220FP-5 (V5)
1 2 3 4 5
12 34 5
TO220FP-5 TO220FP-5 (V5)
TO220FP-3
12 3
TO252-3
TOP VIEW
1 2 3
TO252-5
1 2 3 4 5
TOP VIEW
TO252-5
TOP VIEW
1 2 3 4 5
PIN
External capacitor setting range
Vcc (1 Pin)
Approximately 0.33
F.
OUT (3 Pin)
22
F to 1000 F
PIN
External capacitor setting range
Vcc (2 Pin)
Approximately 0.33
F.
OUT (4 Pin)
22
F to 1000 F
PIN
External capacitor setting range
Vcc (2 Pin)
Approximately 0.33
F.
OUT (4 Pin)
22
F to 1000 F
TO220CP-V5
1 2 3


유사한 부품 번호 - BA80BC0WFP

제조업체부품명데이터시트상세설명
logo
Rohm
BA80BC0WFP ROHM-BA80BC0WFP Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA80BC0WFP-E2 ROHM-BA80BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA80BC0WFP-E2 ROHM-BA80BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

유사한 설명 - BA80BC0WFP

제조업체부품명데이터시트상세설명
logo
Rohm
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com