전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6247FP-Y 데이터시트(PDF) 6 Page - Rohm

부품명 BA6247FP-Y
상세설명  1.0A or More Reversible Motor Drivers (2 Motors)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6247FP-Y 데이터시트(HTML) 6 Page - Rohm

Back Button BA6247FP-Y Datasheet HTML 2Page - Rohm BA6247FP-Y Datasheet HTML 3Page - Rohm BA6247FP-Y Datasheet HTML 4Page - Rohm BA6247FP-Y Datasheet HTML 5Page - Rohm BA6247FP-Y Datasheet HTML 6Page - Rohm BA6247FP-Y Datasheet HTML 7Page - Rohm BA6247FP-Y Datasheet HTML 8Page - Rohm BA6247FP-Y Datasheet HTML 9Page - Rohm BA6247FP-Y Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Technical Note
6/11
BA6247FP-Y,BA6238A
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
External application components
1) Resistor for the current limitation, R1
This is a current limiting resistor for collector loss reduction and at the time of short-circuited output. It depends on the
power supply voltage used, etc., but choose resistance of about 5 to 10Ω. In addition, set resistance with utmost care
to voltage drop caused by inrush current that flows when the motor is started.
2) Resistors and zener diode for the output high voltage setting, R2, R3 and ZD
These are the resistors and zener diode used when output high voltage is set. Zener diode ZD is recommended to be
used instead of resistor R3 when the power supply voltage is unstable.
3) Stabilization capacitor for the power supply line, C1
Please connect the capacitor of 1μF to 100μF for the stabilization of the power supply line, and confirm the motor
operation.
4) Phase compensating capacitor, C2, C3, C4, C5
Noise is generated in output pins or oscillation results in accord with the set mounting state such as power supply
circuit, motor characteristics, PCB pattern artwork, etc. As noise oscillation measures, connect 0.01μF to 0.1μF
capacitors.
Functional descriptions
1) Operation modes
Table 3 Logic table, BA6247FP-Y / BA6238A
IN1
IN2
IN3
OUT1
OUT2
OUT3
OPERATION
L
L
L
L
L
L
Brake (stop)
H
H
L
L
H
L
OPEN*
Motor 1, forward (OUT1 > OUT2)
H
L
H
OPEN*
Motor 1, reverse (OUT2 > OUT1)
L
H
L
H
OPEN*
L
Motor 2, forward (OUT1 > OUT3)
H
L
OPEN*
H
Motor 2, reverse (OUT3 > OUT1)
H
H
L
L
L
L
Brake (stop)
H
* OPEN is the off state of all output transistors. Please note that this is the state of the connected diodes,
which differs from that of the mechanical relay.


유사한 부품 번호 - BA6247FP-Y

제조업체부품명데이터시트상세설명
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
121Kb / 6P
   Reversible motor driver
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
More results

유사한 설명 - BA6247FP-Y

제조업체부품명데이터시트상세설명
logo
Rohm
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6238A ROHM-BA6238A_1 Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com