전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6859AFP-Y 데이터시트(PDF) 4 Page - Rohm

부품명 BA6859AFP-Y
상세설명  1ch Spindle Motor Driver ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6859AFP-Y 데이터시트(HTML) 4 Page - Rohm

  BA6859AFP-Y Datasheet HTML 1Page - Rohm BA6859AFP-Y Datasheet HTML 2Page - Rohm BA6859AFP-Y Datasheet HTML 3Page - Rohm BA6859AFP-Y Datasheet HTML 4Page - Rohm BA6859AFP-Y Datasheet HTML 5Page - Rohm BA6859AFP-Y Datasheet HTML 6Page - Rohm BA6859AFP-Y Datasheet HTML 7Page - Rohm BA6859AFP-Y Datasheet HTML 8Page - Rohm BA6859AFP-Y Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BA6859AFP-Y,BA6664FM,BD6671FM
Technical Note
4/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
3) BD6671FM (Unless otherwise specified, Ta=25℃, VCC=5.0V, VM=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
<Total device>
Circuit current 1
ICC1
100
200
µA
PS=L, GSW=Open
Circuit current 2
ICC2
8
14
20
mA
PS=H, GSW=Open
<Power-saving >
ON voltage range
VPSON
1.0
V
Internal current circuit OFF
OFF voltage range
VPSOFF
2.5
V
Internal current circuit ON
<Hall bias>
Hall bias voltage
VHB
0.7
1.0
1.3
V
IHB=10mA
<Hall amp>
Same phase input voltage range
VHAR
1.4
3.6
V
Mini. input level
VINH
100
mVpp
Both side input level
Hall hysteresis level +
VHYS+
5
20
40
mV
Hall hysteresis level -
VHYS-
-40
-20
-5
mV
<Gain switching >
Low voltage range
VGSWL
0.6
V
High voltage range
VGSWH
2.0
V
OPEN voltage range
VGSWOP
1.3
V
<Torque Command >
Input voltage range
EC, ECR
0
5
V
Linear range: 0.5~3.0V
Offset voltage +
ECOFF+
5
50
100
mV
GSW=M
Offset voltage -
ECOFF-
-100
-50
5
mV
GSW=M
Input current
ECIN
-11
-2.5
0
µA
EC=ECR=1.65V
I/O gain low-level
GECL
0.28
0.35
0.42
A/V
GSW=L
I/O gain medium-level
GECM
0.56
0.70
0.84
A/V
GSW=M
I/O gain high-level
GECH
1.12
1.40
1.68
A/V
GSW=H
<Output>
Output ON resistance
RON
1.0
1.35
Ω
IOUT=±600mA
(upper + lower side)
Output limit current low-level
ITLL
340
400
460
mA
GSW=L
Output limit current medium-level
ITLM
680
800
920
mA
GSW=M
Output limit current high-level
ITLH
1020
1200
1380
mA
GSW=H
<FG/FG3 output >
High level voltage
VFGH
4.6
V
IFG=-100µA
Low level voltage
VFGL
0.4
V
IFG=+100µA
<Booster voltage >
Charge pump output voltage
VPUMP
12.5
17
19
V
VCC= 5V,VM=12V
CP1=CP2=0.1µF
<CP1 output >
Upper side saturation voltage
VCP1H
0.25
0.45
0.65
V
ICP1=-4mA
Lower side saturation voltage
VCP1L
0.2
0.4
0.6
V
ICP1=+4mA
<CP2 output >
Upper side saturation voltage
VCP2H
0.4
0.6
0.8
V
ICP2=-4mA
Lower side saturation voltage
VCP2L
0.15
0.35
0.55
V
ICP2=+4mA


유사한 부품 번호 - BA6859AFP-Y

제조업체부품명데이터시트상세설명
logo
Rohm
BA6859AFP-Y ROHM-BA6859AFP-Y Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
BA6859AFP-Y ROHM-BA6859AFP-Y Datasheet
273Kb / 6P
   3-Phase spindle motor driver
More results

유사한 설명 - BA6859AFP-Y

제조업체부품명데이터시트상세설명
logo
Rohm
BA6966FV ROHM-BA6966FV Datasheet
182Kb / 6P
   1ch Sensorless Spindle Motor Driver for MD
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
   SPINDLE MOTOR DRIVER
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
logo
Fairchild Semiconductor
KA3016D FAIRCHILD-KA3016D Datasheet
522Kb / 18P
   SPINDLE MOTOR DRIVER
logo
Rohm
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
   1ch Motor Driver
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
   1ch Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com