전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54062 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL54062
상세설명  Negative Signal Swing, Sub-ohm, Dual SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54062 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL54062 Datasheet HTML 1Page - Intersil Corporation ISL54062 Datasheet HTML 2Page - Intersil Corporation ISL54062 Datasheet HTML 3Page - Intersil Corporation ISL54062 Datasheet HTML 4Page - Intersil Corporation ISL54062 Datasheet HTML 5Page - Intersil Corporation ISL54062 Datasheet HTML 6Page - Intersil Corporation ISL54062 Datasheet HTML 7Page - Intersil Corporation ISL54062 Datasheet HTML 8Page - Intersil Corporation ISL54062 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6581.1
ISL54062
Negative Signal Swing, Sub-ohm, Dual
SPDT with Click and Pop Elimination
Single Supply Switch
The Intersil ISL54062 device is a low ON-resistance, low
voltage, bidirectional, dual single-pole/double-throw (SPDT)
analog switch. It is designed to operate from a single +1.8V to
+6.5V supply and pass signals that swing down to 6.5V below
the positive supply rail. Targeted applications include battery
powered equipment that benefit from low rON (0.56Ω), low
power consumption (20nA) and fast switching speeds
(tON = 55ns, tOFF = 18ns). The digital inputs are 1.8V
logic-compatible up to a +3V supply. The ISL54062 also
features integrated circuitry to eliminate click and pop noise to
an audio speaker. The ISL54062 is offered in a small form
factor package, alleviating board space limitations. It is
available in a tiny 10 Ld 1.8x1.4mm µTQFN or 10 Ld 3x3mm
TDFN package.
The ISL54062 is a committed dual single-pole/double-throw
(SPDT) that consist of two normally open (NO) and two
normally closed (NC) switches with independent logic control.
This configuration can be used as a dual 2-to-1 multiplexer.
Features
• Pb-free (RoHS Compliant)
• Negative Signal Swing (Max 6.5V Below V+)
• Audio Click and Pop Elimination Circuitry
• ON-Resistance (rON)
- V+ = +4.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.55
Ω
- V+ = +4.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.57
Ω
- V+ = +2.7V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.82
Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8
Ω
•rON Matching Between Channels . . . . . . . . . . . . . . . . . 10mΩ
•rON Flatness Across Signal Range . . . . . . . . . . . . . . . . 0.35Ω
• Low THD+N @ 32
Ω Load . . . . . . . . . . . . . . . . . . . . . . .0.02%
• Single Supply Operation . . . . . . . . . . . . . . . . .+1.8V to +6.5V
• Low Power Consumption @ 3V (PD) . . . . . . . . . . . 24nW
• Fast Switching Action (V+ = +4.3V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV
• Guaranteed Break-before-Make
• 1.8V Logic Compatible (+3V supply)
• Low I+ Current when VINH is not at the V+ Rail
• Available in 10 Ld µTQFN 1.8x1.4mm and 10 Ld 3x3mm
TDFN
Applications
• Audio and Video Switching
• Battery powered, Handheld, and Portable Equipment
- MP3 and Multimedia Players
- Cellular/mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
TABLE 1. FEATURES AT A GLANCE
ISL54062
Number of Switches
2
SW
SPDT or 2-to-1 MUX
4.3V rON
0.57
Ω
4.3V tON/tOFF
43ns/23ns
2.7V rON
0.82
Ω
2.7V tON/tOFF
55ns/18ns
1.8V rON
1.8
Ω
1.8V tON/tOFF
145ns/28ns
Packages
10 Ld µTQFN, 10 Ld TDFN
VCOM (V)
0
12
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-1
-2
-3
-4
-5
-6
ICOM = 100mA
V+ = 1.8V
V+ = 2.7V
V+ = 4.5V
ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
Data Sheet
November 3, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL54062

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54062 INTERSIL-ISL54062 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54062 INTERSIL-ISL54062 Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
More results

유사한 설명 - ISL54062

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54065_0911 INTERSIL-ISL54065_0911 Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com