전자부품 데이터시트 검색엔진 |
|
BA2904F 데이터시트(PDF) 3 Page - Rohm |
|
BA2904F 데이터시트(HTML) 3 Page - Rohm |
3 / 26 page Technical Note BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM 3/25 www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ○ BA10324A family (Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃]) Parameter Symbol Temperature Range Limits Unit Condition BA10324A F/FV Min. Typ. Max. Input Offset Voltage (*4) Vio 25℃ - 2 7 mV VOUT=1.4[V] Input Offset Current (*4) Iio 25℃ - 5 50 nA VOUT=1.4[V] Input Bias Current (*5) Ib 25℃ - 20 250 nA VOUT=1.4[V] Supply Current ICC 25℃ - 0.6 2 mA RL=∞ All Op-Amps High Level Output Voltage VOH 25℃ 3.5 - - V RL=2[kΩ] Low Level Output Voltage VOL 25℃ - - 250 mV RL=∞ All Op-Amps Large Signal Voltage Gain AV 25℃ 25 100 - V/mV RL ≧ 2[kΩ],VCC=15[V], VOUT=1.4~11.4[V] Input Common-mode Voltage range Vicm 25℃ 0 - VCC-1.5 V (VCC-VEE)=5[V], VOUT=VEE+1.4[V] Common-mode Rejection Ratio CMRR 25℃ 65 75 - dB VOUT=1.4[V] Power Supply Rejection Ratio PSRR 25℃ 65 100 - dB VCC=5~30[V] Output Source Current IOH 25℃ 20 35 - mA VIN+=1[V],VIN-=0[V], VOUT=0[V], 1CH is short circuit Output Sink Current IOL 25℃ 10 20 - mA VIN+=0[V],VIN-=1[V], VOUT=5[V] 1CH is short circuit Channel Separation CS 25℃ - 120 - dB f=1[kHz], input referred (*4) bsolute value (*5) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. |
유사한 부품 번호 - BA2904F |
|
유사한 설명 - BA2904F |