전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD25KA5F 데이터시트(PDF) 3 Page - Rohm

부품명 BD25KA5F
상세설명  500mA Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD25KA5F 데이터시트(HTML) 3 Page - Rohm

  BD25KA5F Datasheet HTML 1Page - Rohm BD25KA5F Datasheet HTML 2Page - Rohm BD25KA5F Datasheet HTML 3Page - Rohm BD25KA5F Datasheet HTML 4Page - Rohm BD25KA5F Datasheet HTML 5Page - Rohm BD25KA5F Datasheet HTML 6Page - Rohm BD25KA5F Datasheet HTML 7Page - Rohm BD25KA5F Datasheet HTML 8Page - Rohm BD25KA5F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BD□□KA5,BD□□KA5W Series,BD00KA5W Series
Technical Note
3/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data (Unless specified otherwise, Vcc=25V,VCTL =2V,and Io=0mA)
Fig.12 Thermal Shutdown
Circuit Characteristics (Io=5mA)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-20
0
20
40
60
80
100
TEMPERATURE:Ta[℃]
1.4
1.4
1.4
1.5
1.5
1.5
1.5
1.5
1.6
1.6
1.6
-40
-20
0
20
40
60
80
100
TEMPERATURE:Ta[℃]
0
2
4
6
8
10
0.0
0.1
0.2
0.3
0.4
0.5
OUTPUT CURRENT:IOUT[A]
Fig.2 Input Stability
Fig.3 Input Stability
Fig.5 Input/Output Voltage Difference
Fig.6 Ripple Rejection
ein=10dBV,Io=100mA)
Vcc=3.135V)
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE:VCC[V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE:VCC[V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE:VCC[V]
[BD15KA5WFP]
[BD15KA5WFP]
[BD15KA5WFP]
[BD15KA5WFP]
[BD15KA5WFP]
[BD15KA5WFP]
0
5
10
15
20
25
30
35
40
45
50
55
60
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90
FREQUENCY:f[Hz]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
OUTPUT CURRENT:IOUT[A]
0
50
100
150
200
250
300
0
50
100
150 200
250 300
350 400
450 500
OUTPUT CURRENT:IOUT[mA]
Io=500mA)
Io=0mA)
100
1000
10000
100000
[BD15KA5WFP]
[BD15KA5WFP]
[BD33KA5WFP]
Fig.1 Circuit current
Fig.4 Load Stability
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
100
120
140
160
180
200
TEMPERATURE:[℃]
Fig.7 Output Voltage
Fig.9 Circuit Current by load Level
[BD15KA5WFP]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
CONTROL VOLTAGE:VCTL[V]
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
CONTROL VOLTAGE:VCTL[V]
Fig.8 Circuit Current
Temperature Characteristics
Io=5mA)
[BD15KA5WFP]
[BD15KA5WFP]
Fig.10 CTL Voltage vs. Output Voltage
Fig.11 CTL Voltage vs. Output Current


유사한 부품 번호 - BD25KA5F

제조업체부품명데이터시트상세설명
logo
Rohm
BD25KA5FP ROHM-BD25KA5FP Datasheet
309Kb / 6P
   Low ESR Capacitor, Low Dropout 500mA Regulator IC
BD25KA5FP-E2 ROHM-BD25KA5FP-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD25KA5FP-E2 ROHM-BD25KA5FP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

유사한 설명 - BD25KA5F

제조업체부품명데이터시트상세설명
logo
Rohm
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com