전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2062FJ 데이터시트(PDF) 4 Page - Rohm

부품명 BD2062FJ
상세설명  2ch High Side Switch ICs for USB Devices and Memory Cards
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2062FJ 데이터시트(HTML) 4 Page - Rohm

  BD2062FJ_11 Datasheet HTML 1Page - Rohm BD2062FJ_11 Datasheet HTML 2Page - Rohm BD2062FJ_11 Datasheet HTML 3Page - Rohm BD2062FJ_11 Datasheet HTML 4Page - Rohm BD2062FJ_11 Datasheet HTML 5Page - Rohm BD2062FJ_11 Datasheet HTML 6Page - Rohm BD2062FJ_11 Datasheet HTML 7Page - Rohm BD2062FJ_11 Datasheet HTML 8Page - Rohm BD2062FJ_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technical Note
4/16
BD2062FJ,BD2066FJ
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD2066FJ (Unless otherwise specified VIN = 5.0V, Ta = 25 ℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating current
IDD
-
130
180
μA
VEN = 5V , OUT=OPEN
Standby current
ISTB
-
0.01
1
μA
VEN = 0V , OUT=OPEN
EN input voltage
VEN
2.0
-
-
V
High input
VEN
-
-
0.8
V
Low input
EN input current
IEN
-1.0
0.01
1.0
μA
VEN = 0V or VEN = 5V
/OC output low voltage
V/OCL
-
-
0.5
V
I/OC = 1mA
/OC output leak current
IL/OC
-
0.01
1
μA
V/OC = 5V
/OC delay time
T/OC
10
15
20
ms
On-resistance
RON
-
80
125
mΩ
IOUT = 500mA
Switch leak current
ILSW
-
-
1.0
μA
VEN = 0V, VOUT = 0V
Reverse leak current
ILREV
-
-
1.0
μA
VOUT = 5.5V, VIN = 0V
Current limit threshold
ITH
1.5
2.4
3.0
A
Short circuit current
ISC
1.1
1.5
2.1
A
VOUT = 0V
CL = 47μF (RMS)
Output rise time
TON1
-
0.8
10
ms
RL = 10Ω
Output turn-on time
TON2
-
1.1
20
ms
RL = 10Ω
Output fall time
TOFF1
-
5
20
μs
RL = 10Ω
Output turn-off time
TOFF2
-
10
40
μs
RL = 10Ω
UVLO threshold
VTUVH
2.1
2.3
2.5
V
Increasing VIN
VTUVL
2.0
2.2
2.4
V
Decreasing VIN


유사한 부품 번호 - BD2062FJ_11

제조업체부품명데이터시트상세설명
logo
Rohm
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
More results

유사한 설명 - BD2062FJ_11

제조업체부품명데이터시트상세설명
logo
Rohm
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F ROHM-BD6512F_11 Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com