전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2200GUL 데이터시트(PDF) 9 Page - Rohm

부품명 BD2200GUL
상세설명  Load Switch ICs for Portable Equipment
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2200GUL 데이터시트(HTML) 9 Page - Rohm

Back Button BD2200GUL Datasheet HTML 2Page - Rohm BD2200GUL Datasheet HTML 3Page - Rohm BD2200GUL Datasheet HTML 4Page - Rohm BD2200GUL Datasheet HTML 5Page - Rohm BD2200GUL Datasheet HTML 6Page - Rohm BD2200GUL Datasheet HTML 7Page - Rohm BD2200GUL Datasheet HTML 8Page - Rohm BD2200GUL Datasheet HTML 9Page - Rohm BD2200GUL Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Technical Note
9/9
www.rohm.com
2011.02 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD2200GUL, BD2201GUL
Ordering part number
B
D
2
2
0
0
G
U
L
-
E
2
Part No.
Part No.
2200
2201
Package
GUL: VCSP50L1
Packaging and forming specification
E2: Embossed tape and reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
VCSP50L1(BD2200GUL)
S
0.06 S
A
B
B
A
0.05
1PIN MARK
3
0.25±0.05
6-
φ0.25±0.05
1.50±0.05
2
(
φ0.15)INDEX POST
1
B
A
P=0.5
×2
(Unit : mm)
VCSP50L1(BD2201GUL)
S
0.06 S
A
B
B
A
0.05
1PIN MARK
3
0.25±0.05
0.25
6-
φ0.25±0.05
1.50±0.05
2
(
φ0.15)INDEX POST
1
B
A
P=0.5
×2
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
E2
()
Direction of feed
Reel
1pin


유사한 부품 번호 - BD2200GUL

제조업체부품명데이터시트상세설명
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
BD2200GUL ROHM-BD2200GUL Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD2200GUL-E2 ROHM-BD2200GUL-E2 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
More results

유사한 설명 - BD2200GUL

제조업체부품명데이터시트상세설명
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com