전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2206G 데이터시트(PDF) 10 Page - Rohm

부품명 BD2206G
상세설명  Load Switch ICs for Portable Equipment
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2206G 데이터시트(HTML) 10 Page - Rohm

Back Button BD2206G Datasheet HTML 5Page - Rohm BD2206G Datasheet HTML 6Page - Rohm BD2206G Datasheet HTML 7Page - Rohm BD2206G Datasheet HTML 8Page - Rohm BD2206G Datasheet HTML 9Page - Rohm BD2206G Datasheet HTML 10Page - Rohm BD2206G Datasheet HTML 11Page - Rohm BD2206G Datasheet HTML 12Page - Rohm BD2206G Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BD2202G,BD2206G
Technical Note
10/12
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
100
200
300
400
500
600
700
800
025
50
75
100
125
150
AMBIENT TEMPERATURE : Ta [℃]
Application information
When an excessive current flows because of an output short circuit, a noise caused by the inductance of power supply to the
IC breaks out and it is possible that it influences negatively the IC operation. In order to avoid this problem, please connect
CIN bypass capacitor close to the IC VIN and GND pins of the IC. More than 1µF is recommended.
Due to the internal body diode in the switch, a CIN greater than COUT is highly recommended.
This system connection diagram does not guarantee operation as an application.
The external circuit constant and so on is changed and it uses, in which there are adequate margins by taking into account
external parts or dispersion of IC including not only static characteristics but also transient characteristics.
Power dissipation characteristics
(SSOP5)
Fig.43 Power dissipation curve (Pd-Ta Curve)
Notes for use
(1) Absolute Maximum Ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can
break down devices, thus making impossible to identify breaking mode such as a short circuit or an open circuit. If any
special mode exceeding the absolute maximum ratings is assumed, consideration should be given to take physical safety
measures including the use of fuses, etc.
(2) Operating conditions
These conditions represent a range within which characteristics can be provided approximately as expected. The
electrical characteristics are guaranteed under the conditions of each parameter.
(3) Reverse connection of power supply connector
The reverse connection of power supply connector can break down ICs. Take protective measures against the breakdown due
to the reverse connection, such as mounting an external diode between the power supply and the IC’s power supply terminal.


유사한 부품 번호 - BD2206G

제조업체부품명데이터시트상세설명
logo
Rohm
BD2206G ROHM-BD2206G Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2206G-LBTR ROHM-BD2206G-LBTR Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2206G-TR ROHM-BD2206G-TR Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
More results

유사한 설명 - BD2206G

제조업체부품명데이터시트상세설명
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com