전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2225G 데이터시트(PDF) 6 Page - Rohm

부품명 BD2225G
상세설명  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2225G 데이터시트(HTML) 6 Page - Rohm

Back Button BD2225G Datasheet HTML 2Page - Rohm BD2225G Datasheet HTML 3Page - Rohm BD2225G Datasheet HTML 4Page - Rohm BD2225G Datasheet HTML 5Page - Rohm BD2225G Datasheet HTML 6Page - Rohm BD2225G Datasheet HTML 7Page - Rohm BD2225G Datasheet HTML 8Page - Rohm BD2225G Datasheet HTML 9Page - Rohm BD2225G Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Technical Note
6/12
BD2224G,BD2225G
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Waveform Data (BD2224G)
VIN=5V
TIME (5ms/div.)
Fig.32 Over-current response
enable to shortcircuit
TIME (200ms/div.)
Fig.33 Over-current response
enable to shortcircuit
VIN=5V
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.2A/div.)
VEN
(5V/div.)
VIN=5V
RL=20Ω
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
TIME(1ms/div.)
Fig.28 Output rise characteristic
VEN
(5V/div.)
VIN=5V
RL=20Ω
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
TIME(1us/div.)
Fig.29 Output fall characteristic
TIME (5ms/div.)
Fig.34 Over-current response
enable to shortcircuit
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
VIN=5V
TIME (2ms/div.)
Fig.30 Inrush current response
(5V/div.)
VEN
IOUT
(0.2A/div.)
TIME (5ms/div.)
Fig.31 Over-current response
ramped load
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
CL=47uF
CL=100uF
CL=147uF
VIN=5V
RL=20Ω
VIN=5V
V/OC
(5V/div.)
TIME (10ms/div.)
Fig.35 UVLO response
increasing VIN
VIN
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.2A/div.)
TIME (10ms/div.)
Fig.36 UVLO response
decreasing VIN
VIN
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.2A/div.)
RL=20Ω
RL=20Ω
VEN
(5V/div.)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)


유사한 부품 번호 - BD2225G

제조업체부품명데이터시트상세설명
logo
Rohm
BD2225G ROHM-BD2225G Datasheet
120Kb / 5P
   High-Side Switch for Universal Serial Bus (USB)
BD2225G-LB ROHM-BD2225G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2225G-LBTR ROHM-BD2225G-LBTR Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2225G-TR ROHM-BD2225G-TR Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
More results

유사한 설명 - BD2225G

제조업체부품명데이터시트상세설명
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com