전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2270HFV 데이터시트(PDF) 1 Page - Rohm

부품명 BD2270HFV
상세설명  Controller ICs for High Side NMOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2270HFV 데이터시트(HTML) 1 Page - Rohm

  BD2270HFV Datasheet HTML 1Page - Rohm BD2270HFV Datasheet HTML 2Page - Rohm BD2270HFV Datasheet HTML 3Page - Rohm BD2270HFV Datasheet HTML 4Page - Rohm BD2270HFV Datasheet HTML 5Page - Rohm BD2270HFV Datasheet HTML 6Page - Rohm BD2270HFV Datasheet HTML 7Page - Rohm BD2270HFV Datasheet HTML 8Page - Rohm BD2270HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/12
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Power Management Switch ICs for PCs and Digital Consumer Products
Controller ICs
for High Side NMOSFET
BD2270HFV
Description
The BD2270HFV is an IC with a single built-in external N-channel MOSFET driver circuit. This IC has a built-in charge
pump circuit for gate drive and output discharge circuit, enabling configuration of a high side load switch for N-channel
MOSFET drive without using any external parts.
In addition, the control input terminal has a built-in comparator with hysteresis function, facilitating control of the power up
sequence. The space saving type of HVSOF5 package is used.
Features
1)
Built-in charge pump
2)
Built-in discharge circuit for output charge
3)
Soft start circuit
4)
Built-in comparator with hysteresis function at control input terminal
5)
Compact HVSOF5 package
6)
Operating current 50μA
7)
Standby current 5μA
8)
Possible to drive N-channel power MOSFET
Applications
PCs, PC peripheral devices, digital consumer electronics, etc.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
-0.3 ~ 6.0
V
AEN voltage
VAEN
-0.3 ~ 6.0
V
DISC voltage
VDISC
-0.3 ~ 6.0
V
GATE voltage
VGATE
-0.3 ~ 15.0
V
Storage temperature range
TSTG
-55 ~ 150
°C
Power dissipation
Pd
669
*1
mW
*1 When mounted on a 70 mm
70 mm1.6 mm glass epoxy PCB, derated at 5.352 mW/C above Ta25C
*2 This IC is not designed to be radiation-proof.
Operating Conditions
Parameter
Symbol
Ratings
Unit
Operating voltage range
VCC
2.7 ~ 5.5
V
Operating temperature range
TOPR
-25 ~ 85
°C
No.11029EBT01


유사한 부품 번호 - BD2270HFV

제조업체부품명데이터시트상세설명
logo
Rohm
BD2270HFV ROHM-BD2270HFV Datasheet
262Kb / 13P
   MOSFET Controller IC for Load Switching
BD2270HFV ROHM-BD2270HFV Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-GTR ROHM-BD2270HFV-GTR Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2270HFV-LBTR ROHM-BD2270HFV-LBTR Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
More results

유사한 설명 - BD2270HFV

제조업체부품명데이터시트상세설명
logo
Rohm
BD2270HFV ROHM-BD2270HFV_14 Datasheet
829Kb / 22P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com