전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3021HFP-M 데이터시트(PDF) 6 Page - Rohm

부품명 BD3021HFP-M
상세설명  Regulator with Voltage Detector and Watchdog Timer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3021HFP-M 데이터시트(HTML) 6 Page - Rohm

Back Button BD3021HFP-M_10 Datasheet HTML 2Page - Rohm BD3021HFP-M_10 Datasheet HTML 3Page - Rohm BD3021HFP-M_10 Datasheet HTML 4Page - Rohm BD3021HFP-M_10 Datasheet HTML 5Page - Rohm BD3021HFP-M_10 Datasheet HTML 6Page - Rohm BD3021HFP-M_10 Datasheet HTML 7Page - Rohm BD3021HFP-M_10 Datasheet HTML 8Page - Rohm BD3021HFP-M_10 Datasheet HTML 9Page - Rohm BD3021HFP-M_10 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Technical Note
6/14
BD3021HFP-M
www.rohm.com
2010.11 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Input / Output Equivalent Circuit Diagrams (Resistance value is typical value)
CLK(1pin)
INH(2pin)
Vcc(3pin)
VOUT(5pin)
RESET(6pin)
CT(7pin)
Vcc
IC
VOUT
CT
VOUT
CLK
10kΩ
Vcc
3.7MΩ
1.25MΩ
VOUT
470kΩ
RESET
VOUT
1kΩ
500kΩ
VOUT
INH
10kΩ


유사한 부품 번호 - BD3021HFP-M_10

제조업체부품명데이터시트상세설명
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
More results

유사한 설명 - BD3021HFP-M_10

제조업체부품명데이터시트상세설명
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com