전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3401KS2 데이터시트(PDF) 9 Page - Rohm

부품명 BD3401KS2
상세설명  Single Power Supply Sound Processors with Built-in Pre Amplifier for Tape Recording and Play Back
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3401KS2 데이터시트(HTML) 9 Page - Rohm

Back Button BD3401KS2 Datasheet HTML 5Page - Rohm BD3401KS2 Datasheet HTML 6Page - Rohm BD3401KS2 Datasheet HTML 7Page - Rohm BD3401KS2 Datasheet HTML 8Page - Rohm BD3401KS2 Datasheet HTML 9Page - Rohm BD3401KS2 Datasheet HTML 10Page - Rohm BD3401KS2 Datasheet HTML 11Page - Rohm BD3401KS2 Datasheet HTML 12Page - Rohm BD3401KS2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Technical Note
9/18
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3401KS2,BD3402KS2
Pin description
(BD3401KS2)
Pin No.
Pin Name
Description
Pin No.
Pin Name
Description
1
D1
1ch input pin D
33
VOLOUT1
1ch output pin
2
D2
2ch input pin D
34
BBNF1
1ch bass boost filter setting pin
3
E1
1ch input pin E
35
BBIN1
1ch bass boost filter setting pin
4
E2
2ch input pin E
36
VIN1
1ch volume input pin
5
PBNF2
2ch PB filter setting pin
37
TONE OUT1
1ch tone output pin
6
PBOUT2
2ch PB output pin
38
VIN2
2ch volume input pin
7
PBOUT1
1ch PB output pin
39
TONE OUT2
2ch tone output pin
8
PBNF1
1ch PB filter setting pin
40
AMS OUT
AMS output pin
9
TAPE A1
1ch TAPE input pin A
41
BNF2
2ch bass filter setting pin
10
TAPE A2
2ch TAPE input pin A
42
BOUT2
2ch bass filter setting pin
11
TAPE B1
1ch TAPE input pin B
43
BOUT1
1ch bass filter setting pin
12
TAPE B2
2ch TAPE input pin B
44
BNF1
1ch bass filter setting pin
13
RECNF2
2ch REC filter setting pin
45
MNF1
1ch middle filter setting pin
14
RECOUT2
2ch REC output pin
46
MOUT1
1ch middle filter setting pin
15
RECOUT1
1ch REC output pin
47
MOUT2
2ch middle filter setting pin
16
RECNF1
1ch REC filter setting pin
48
MNF2
2ch middle filter setting pin
17
ALC
ALC time constant setting pin
49
TNF2
2ch treble filter setting pin
18
SC
Serial clock input pin
50
TNF1
1ch treble filter setting pin
19
SI
Serial data input pin
51
SUR1
Surround setting pin
20
VDD
Digital power supply pin
52
SUR2
Surround setting pin
21
GND
Ground pin
53
LINEOUT2
2chLINE output pin
22
VCC
Analog power supply pin
54
LINEOUT1
1chLINE output pin
23
1/2VCC
1/2VCC output pin
55
SAOUT2
Spectrum Analyzer output pin 2
24
FILTER
1/2 VCC pin
56
SAOUT1
Spectrum Analyzer output pin 1
25
SW OUT
Subwoofer output pin
57
CAP
Time constant setting pin for
absorbing switching shock sound
26
LF4
Primary LPF setting pin
58
MIC
MIC input pin A
27
LF3
Secondary LPF setting pin
59
A1
1ch input pin A
28
LF2
Secondary LPF setting pin
60
A2
2ch input pin A
29
LF1
Secondary LPF setting pin
61
B1
1ch input pin B
30
BBIN2
2ch bass boost filter setting pin
62
B2
2ch input pin B
31
BBNF2
2ch bass boost filter setting pin
63
C1
1ch input pin C
32
VOL OUT2
2ch output pin
64
C2
2ch input pin C


유사한 부품 번호 - BD3401KS2

제조업체부품명데이터시트상세설명
logo
Rohm
BD3402KS2 ROHM-BD3402KS2 Datasheet
204Kb / 6P
   Audio Sound Processor for home audio
BD3403FV ROHM-BD3403FV Datasheet
378Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
logo
Pan Jit International I...
BD340S PANJIT-BD340S Datasheet
124Kb / 3P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD340S PANJIT-BD340S_14 Datasheet
261Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD340S_L2_00001 PANJIT-BD340S_L2_00001 Datasheet
261Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - BD3401KS2

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7137P TOSHIBA-TA7137P Datasheet
300Kb / 4P
   PRE-AMPLIFIER(RECORDING OR PLAYING-BACK WITH ALC TRANSISTOR FOR TAPE RECORDER)
logo
Rohm
BD3473KS2 ROHM-BD3473KS2 Datasheet
4Mb / 25P
   7.1ch Sound Processors with Built-in Mode and Input Selectors
BD3474KS2 ROHM-BD3474KS2 Datasheet
3Mb / 25P
   5.1ch Sound Processors with Built-in Mode and Input Selectors
BD3471KS2 ROHM-BD3471KS2 Datasheet
3Mb / 23P
   7.1ch Sound Processors with Built-in Mode and Input Selectors
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
   Recording amplifier with built-in ALC for headphone stereos
BD3403FV ROHM-BD3403FV Datasheet
378Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
BD37531FV_1003 ROHM-BD37531FV_1003 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD3870FS ROHM-BD3870FS_10 Datasheet
456Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
logo
Panasonic Semiconductor
AN7316 PANASONIC-AN7316 Datasheet
204Kb / 6P
   DUAL RECORDING AND PLAYBACK PRE-AMPLIFIER IC FOR SINGLE/DOUBLE CASSETTE
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com