전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3870FS 데이터시트(PDF) 11 Page - Rohm

부품명 BD3870FS
상세설명  Sound Processors with Built-in 3-band Equalizers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3870FS 데이터시트(HTML) 11 Page - Rohm

Back Button BD3870FS Datasheet HTML 7Page - Rohm BD3870FS Datasheet HTML 8Page - Rohm BD3870FS Datasheet HTML 9Page - Rohm BD3870FS Datasheet HTML 10Page - Rohm BD3870FS Datasheet HTML 11Page - Rohm BD3870FS Datasheet HTML 12Page - Rohm BD3870FS Datasheet HTML 13Page - Rohm BD3870FS Datasheet HTML 14Page - Rohm BD3870FS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Technical Note
11/15
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3870FS,BD3871FS,BD3872FS,BD3873FS
1)Sound generation using Loud Speaker Equalizer (BD3872FS)
Using external components, one of the following two functions can be established; one having an effect to localize the
vocal forward and enhance it (Loud Speaker Equalizer) and the other having an effect to clarify the vocal quality and
improve the Articulation Index (Cinema Surround). Those characteristic values can be adjusted by choosing the external
components with desirable constants. Details of above two functions are described below:
Cinema Surround
Constructing the external components as shown below allows the vocals to be moved forward and enhanced.
Surround effect with enhanced vocal is achieved by turning on the built-in surround simultaneously.
Merging this effect, while playing movies on a DVD player, will make vocal listening clearer and surround effect
more impactful.
Fig.10
Loud Speaker Equalizer (SEQ)
BOOM BOX and Micro-sound systems are often restricted to using small-diameter speakers because of location space.
These speakers, where the vocal range are attenuated, may give an impression of having a muffled vocal sound
with respect to its audibility. Using the Loud Speaker Equalizer, the vocal quality which degrades in small-diameter
speakers, can be improved and the Articulation Index is also increased.
Fig.11
C1 can be selected to determine the frequency where the phase should be inverted.
C1
Frequency where the phase is inverted
Larger value
Set to the lower frequency side
Smaller value
Set to the higher frequency side
C2 can be selected to determine the HPF cut-off frequency fc. The SEQ gain remains constant.
1
fc =
(Hz)
2
RC
(Where R is a built-in resistance of 10kΩ)
Fig.12
32
Loud speaker
equalizer1
Loud speaker
equalizer2
31
30
29
HPF
C2
SOUT (29. 31pin)
Phase Shifter
C1
SEQ (30, 32pin)
IN
OUT
FREQUENCY
Fc
G=5dB
(Constant)
3dB


유사한 부품 번호 - BD3870FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3870FS ROHM-BD3870FS Datasheet
215Kb / 6P
   Audio Sound Processor for home audio
More results

유사한 설명 - BD3870FS

제조업체부품명데이터시트상세설명
logo
Rohm
BD3403FV ROHM-BD3403FV Datasheet
378Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
BD37531FV_1003 ROHM-BD37531FV_1003 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com