전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU16025MUV 데이터시트(PDF) 4 Page - Rohm

부품명 BU16025MUV
상세설명  1 for input 1 output buffer (Sync with OE)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU16025MUV 데이터시트(HTML) 4 Page - Rohm

  BU16025MUV_11 Datasheet HTML 1Page - Rohm BU16025MUV_11 Datasheet HTML 2Page - Rohm BU16025MUV_11 Datasheet HTML 3Page - Rohm BU16025MUV_11 Datasheet HTML 4Page - Rohm BU16025MUV_11 Datasheet HTML 5Page - Rohm BU16025MUV_11 Datasheet HTML 6Page - Rohm BU16025MUV_11 Datasheet HTML 7Page - Rohm BU16025MUV_11 Datasheet HTML 8Page - Rohm BU16025MUV_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technical Note
4/16
BU16025MUV
www.rohm.com
2011.01 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
AC Characteristic (Unless Otherwise noted Ta=25℃, Vcc=3.3V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
TMDS Output Differential pin (Y/Z)
Differential output rise time
(20%-80%)
tR_tmds
-
110
-
ps
AVCC = 3.3V,
RT = 50Ω, PRE =”H”
Differential output rise time
(20%-80%)
tF_tmds
-
110
-
ps
Differential intra pair skew (Fig9)
tsk(D)
-
35
-
ps
DDC I/O Pin (SCLx, SCLy, SDAx, SDAy)
Propagetion delay (L to H)
SCLx to SCLy
tPLH1
-
30
-
ns
RL = 4.7KΩ
CL = 10pF
DDC_TI = “H”
Propagetion delay (H to L)
SCLx to SCLy
tPHL1
-
10
-
ns
Propagetion delay (L to H)
SCLy to SCLx
tPLH2
-
40
-
ns
Propagetion delay (H to L)
SCLy to SCLx
tPHL2
-
20
-
ns
Propagetion delay (L to H)
SDAx to SDAy
tPLH3
-
570
-
ns
RL = 4.7KΩ
CL = 10pF
DDC_TI = “H”
Propagetion delay (H to L)
SDAx to SDAy
tPHL3
-
570
-
ns
Propagetion delay (L to H)
SDAy to SDAx
tPLH4
-
370
-
ns
Propagetion delay (H to L)
SDAyto SDAx
tPHL4
-
370
-
ns
Propagetion delay (L to H)
SDAx/SCLx to SDAy/SCLy
tPLH5
-
30
-
ns
RL = 4.7KΩ
CL = 10pF
DDC_TI = “L”
Propagetion delay (H to L)
SDAx/SCLx to SDAy/SCLy
tPHL5
-
10
-
ns
Propagetion delay (L to H)
SDAy/SCLy to SDAx/SCLx
tPLH6
-
40
-
ns
Propagetion delay (H to L)
SDAy/SCLy to SDAx/SCLx
tPHL6
-
20
-
ns
SDAx/SCLx output rise time
tR1
-
80
-
ns
RL = 4.7KΩ
CL = 10pF
SDAx/SCLx output rise time
tF1
-
5
-
ns
SDAy/SCLy output rise time
tR2
-
95
-
ns
SDAy/SCLy output rise time
tF2
-
5
-
ns
STATUS PINS(HPD)
Propagation delay time (L to H)
tPLH(HPD)
-
100
-
ns
CL=10pF
Propagation delay time (H to L)
tPHL(HPD)
-
100
-
ns
CL=10pF


유사한 부품 번호 - BU16025MUV_11

제조업체부품명데이터시트상세설명
logo
Rohm
BU16025MUV ROHM-BU16025MUV Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

유사한 설명 - BU16025MUV_11

제조업체부품명데이터시트상세설명
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
logo
Silicon Laboratories
SI53305 SILABS-SI53305 Datasheet
1Mb / 36P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Pericom Semiconductor C...
PI6C4911510-05 PERICOM-PI6C4911510-05 Datasheet
932Kb / 7P
   2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with Sync OE
logo
Skyworks Solutions Inc.
SI53314 SKYWORKS-SI53314 Datasheet
2Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
SI53315 SKYWORKS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 0.4
logo
ON Semiconductor
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
   1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
logo
Potato Semiconductor Co...
PO74HSTL85350A POTATO-PO74HSTL85350A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:4 Fanout Buffer
PO74HSTL85352A POTATO-PO74HSTL85352A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:2 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com