์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LS01-1A66-PP-3000W ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Meder Electronic

๋ถ€ํ’ˆ๋ช… LS01-1A66-PP-3000W
์ƒ์„ธ๋‚ด์šฉ  LS Level Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  MEDER [Meder Electronic]
ํ™ˆํŽ˜์ด์ง€  http://www.meder.com
Logo 

LS01-1A66-PP-3000W ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Meder Electronic

   
Zoom Inzoom in Zoom Outzoom out
/ 1 page
 1 / 1 page
background image
LS01-1A66-PP-3000W
Item:
| Email: salesasia@meder.com
9512661304
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Special Product Data
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Carry current
DC or Peak AC
Switching current
!"##
Sensor deactivated
Sensor-resistance
PP
Housing material
white
Case colour
Polyurethan
Sealing compound
Environmental data
Conditions
Min
Typ
Max
Unit
$
%
cable not moved
Operating temperature
$
%
cable moved
Operating temperature
$
%
Storage temperature
IP68
DIN EN 60529
Safety class
Cable specification
Conditions
Min
Typ
Max
Unit
round cable
Cable type
PVC
Cable material
0,14 sq-mm
Cross section
General data
Conditions
Min
Typ
Max
Unit
over 5m cable, a resistor is recommended.
Mounting advice
&
Tightening torque
Modifications in the sense of technical progress are reserved
09.01.07
WKOVACS
WKOVACS
05
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
10.02.10
KOLBRICH
TFRITSCHI
Approval by:
Approval by:
09.01.07
Approval at:
Approval at:
10.02.10


Html Pages

1 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn