전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KD2002-DF10A 데이터시트(PDF) 2 Page - Rohm

부품명 KD2002-DF10A
상세설명  Compact medium speed thick film thermal printhead (8 dots / mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

KD2002-DF10A 데이터시트(HTML) 2 Page - Rohm

  KD2002-DF10A Datasheet HTML 1Page - Rohm KD2002-DF10A Datasheet HTML 2Page - Rohm KD2002-DF10A Datasheet HTML 3Page - Rohm KD2002-DF10A Datasheet HTML 4Page - Rohm KD2002-DF10A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KD2002-DF10A
Printheads
Rev.A
2/4
Equivalent circuit
Pin assignments
No.
1VH
VH
VH
VH
DO
LAT
CLK
VDD
STB1
STB2
STB3
GND
GND
GND
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Circuit
CONNECTOR A
CONNECTOR B
No.
1
GND
GND
GND
GND
GND
TM
TM
STB5
DI
VSF
VH
VH
VH
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Circuit
STB6
STB4
VH
GND
CLK
Thermistor
Dot#1
Dot#448
TM
STB5
STB6
Connector B
384
321
320
257
192
129
128
1
Connector A
Shift Register
/LAT
DI
DO
VH
GND
STB2
STB1
VDD
256
193
STB3
TM
Latch Register
VSF
L/S
VSF: Driver Output Voltage
STB: Strobe (High active)
/LAT: Latch
CLK: Clock
DI:
Data in
DO: Data out
GND: Ground
TM: Thermistor
VSF : Usually VSF and VH are connected.
When measuring R value of Heat-
element, VSF and VH should be
separated (Page4, 7.(4)).
448
385
STB4
VH: Print Voltage
30KΩ B: 3950K


유사한 부품 번호 - KD2002-DF10A

제조업체부품명데이터시트상세설명
logo
Rohm
KD2002-DF10A ROHM-KD2002-DF10A Datasheet
64Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
More results

유사한 설명 - KD2002-DF10A

제조업체부품명데이터시트상세설명
logo
Rohm
KD2003-DF10A ROHM-KD2003-DF10A Datasheet
62Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2004-DF10A ROHM-KD2004-DF10A Datasheet
63Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GD10A ROHM-KF2002-GD10A Datasheet
171Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2003-GC10A ROHM-KF2003-GC10A Datasheet
171Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GC10A ROHM-KF2004-GC10A Datasheet
174Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2003-GD10A ROHM-KF2003-GD10A Datasheet
177Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GD10A ROHM-KF2004-GD10A Datasheet
176Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2005-GD45A ROHM-KF2005-GD45A Datasheet
70Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2003-DF11A ROHM-KD2003-DF11A Datasheet
82Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GC10A ROHM-KF2002-GC10A Datasheet
180Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com