전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KD2004-CF20A 데이터시트(PDF) 4 Page - Rohm

부품명 KD2004-CF20A
상세설명  Compact medium speed thick film thermal printhead (8dots / mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

KD2004-CF20A 데이터시트(HTML) 4 Page - Rohm

  KD2004-CF20A Datasheet HTML 1Page - Rohm KD2004-CF20A Datasheet HTML 2Page - Rohm KD2004-CF20A Datasheet HTML 3Page - Rohm KD2004-CF20A Datasheet HTML 4Page - Rohm KD2004-CF20A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KD2004-CF20A
Printheads
4/4
Electrical characteristic curves
Paper : KF50-HDA (OJI)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
012345
SCANNING LINE TIME (
ms/line)
Fig.3 Adaptive speed chart
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.00
0.05
0.10
0.15
0.20
0.25
0.30
ENERGY (
mJ/dot)
SLT : 1.00ms/line
Fig.4 Representative density curve
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
012345
SCANNING LINE TIME (
ms/line)
Fig.5 Maximum energy curve
0
20
40
60
80
100
120
140
160
180
−20 −10
10
30
50
70
020
40
60
TEMPERATURE : (
°C)
Fig.6 Thermistor curve


유사한 부품 번호 - KD2004-CF20A

제조업체부품명데이터시트상세설명
logo
Rohm
KD2004-CF10A ROHM-KD2004-CF10A Datasheet
61Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2004-CF10A ROHM-KD2004-CF10A Datasheet
137Kb / 5P
   For Gaming Equipment, ATMs : CF, CG series
KD2004-CF10A ROHM-KD2004-CF10A_07 Datasheet
137Kb / 5P
   For Gaming Equipment, ATMs : CF, CG series
More results

유사한 설명 - KD2004-CF20A

제조업체부품명데이터시트상세설명
logo
Rohm
KF2002-GK42A ROHM-KF2002-GK42A Datasheet
89Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2008-CG50A ROHM-KD2008-CG50A Datasheet
202Kb / 5P
   Compact medium speed thick film thermal printhead(8dots / mm)
KD2004-CF10A ROHM-KD2004-CF10A Datasheet
61Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KF2004-GK42A ROHM-KF2004-GK42A Datasheet
78Kb / 4P
   Compact medium speed thick film thermal printhead (8dots / mm)
KF2002-GR40A ROHM-KF2002-GR40A Datasheet
85Kb / 4P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2002-CF10A ROHM-KD2002-CF10A Datasheet
60Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2003-CF10A ROHM-KD2003-CF10A Datasheet
61Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KF2003-GK42A ROHM-KF2003-GK42A Datasheet
80Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2004-CG10A ROHM-KD2004-CG10A Datasheet
64Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2003-CG10A ROHM-KD2003-CG10A Datasheet
63Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com