전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-303MA 데이터시트(PDF) 1 Page - Rohm

부품명 LB-303MA
상세설명  High efficiency, three-digit numeric displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

LB-303MA 데이터시트(HTML) 1 Page - Rohm

  LB-303MA Datasheet HTML 1Page - Rohm LB-303MA Datasheet HTML 2Page - Rohm LB-303MA Datasheet HTML 3Page - Rohm LB-303MA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.04 - Rev.C
High efficiency, three-digit numeric displays
LB-303AK Series
The LB-303AK series were designed to meet the need for multi-digit numeric displays. These LED numeric displays use GaAsP
on GaP for the emitting material (with the exception of green) and are housed in an epoxy resin package. They are three-digit
displays with a character height of 8.0 mm.
Features
Dimensions (Unit : mm)
1) Height of character : 8.0 mm
2) High efficiency in a compact package.
3) Common anode and common cathode
configurations are available for red and green.
4) The package surface is painted black and
the segments are colored the display color.
Selection guide
Red
Green
LB-303VA
LB-303VK
LB-303MA
LB-303MK
Anode
Cathode
Common
Emitting color
Pin assignments
Digit 1 D.P1
a
g
d
fb
ec
Digit 2 D.P2
a
g
d
fb
ec
Digit 3 D.P3
a
g
d
fb
ec
Pin No.
++++++
+
++++
123456
11
10
9
8
7
Segment "c"
Digit 1 Common
Segment "d"
Digit 2 Common
Digit 3 Common
Segment D.P
Segment "b"
Segment "f"
Segment "a"
Segment "e"
Segment "g"
1
2
3
4
5
6
7
8
9
10
11
Function
Pin No.
1.0
4.0
φ
3- 0.9
(12.7)
(2.54)
φ 0.5
22.0
7.0
7.0
10
°
Tolerances are
±0.3 unless otherwise noted:


유사한 부품 번호 - LB-303MA

제조업체부품명데이터시트상세설명
logo
Rohm
LB-303MA ROHM-LB-303MA Datasheet
60Kb / 3P
   High efficiency, three-digit numeric displays
LB-303MA ROHM-LB-303MA Datasheet
360Kb / 5P
   Three-digit LED numeric displays
More results

유사한 설명 - LB-303MA

제조업체부품명데이터시트상세설명
logo
Rohm
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP_1 Datasheet
57Kb / 3P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_1 Datasheet
60Kb / 3P
   High efficiency, three-digit numeric displays
LB-403F1 ROHM-LB-403F1 Datasheet
58Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP Datasheet
45Kb / 2P
   High efficiency, three-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com