전자부품 데이터시트 검색엔진 |
|
LM2904DT 데이터시트(PDF) 4 Page - Rohm |
|
LM2904DT 데이터시트(HTML) 4 Page - Rohm |
4 / 18 page Technical Note 4/17 LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT LM324DT/PT/WDT,LM2902DT/PT/WDT www.rohm.com 2011.06 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data LM358 family (*)The data above is ability value of sample, it is not guaranteed. 0 200 400 600 800 0 25 50 75 100 AMBIENT TEMPERATURE : Ta [℃] 25℃ 25℃ Supply Current – Supply Voltage 0℃ Supply Current – Ambient Temperature 3V 32V 5V Derating Curve Maximum Output Voltage – Supply Voltage (RL=10[kΩ]) 0℃ Maximum Output Voltage – Ambient Temperature (VCC=5[V],RL=2[kΩ]) Output Source Current – Output Voltage (VCC=5[V]) 0℃ 25℃ 70℃ Output Source Current – Ambient Temperature (VOUT=0[V]) 15V 3V 5V Output Sink Current – Output Voltage (VCC=5[V]) 0℃ 25℃ 70℃ Output Sink Current – Ambient Temperature (VOUT=VCC) 3V 5V 15V Low Level Sink Current - Supply Voltage (VOUT=0.2[V]) 0℃ 25℃ Low Level Sink Current - Ambient Temperature (VOUT=0.2[V]) 32V 5V 3V Input Offset Voltage - Supply Voltage (Vicm=0[V], VOUT=1.4[V]) 0℃ 25℃ LM358 family 70℃ 70℃ 70℃ 70℃ LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family Fig. 1 Fig. 2 Fig. 3 Fig. 4 Fig. 5 Fig. 6 Fig. 7 Fig. 8 Fig. 9 Fig. 10 Fig. 11 Fig. 12 LM358 family LM358 family LM358PT LM358WPT LM358ST LM358DT LM358WDT 70 [℃] |
유사한 부품 번호 - LM2904DT |
|
유사한 설명 - LM2904DT |