전자부품 데이터시트 검색엔진 |
|
LM2904MX 데이터시트(PDF) 5 Page - Rohm |
|
LM2904MX 데이터시트(HTML) 5 Page - Rohm |
5 / 18 page Technical Note 5/17 LM358MX,LM2904MX,LM324MX,LM324MTX,LM2902MX www.rohm.com 2011.06 - Rev.C © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data LM358 family (*)The data above is ability value of sample, it is not guaranteed. Input Bias Current – Ambient Temperature (VCC=30[V],Vicm=28[V],VOUT=1.4[V]) Input Offset Voltage – Common Mode Input Voltage (VCC=5[V]) Input Bias Current – Supply Voltage (Vicm=0[V], VOUT=1.4[V]) Input Offset Voltage – Ambient Temperature (Vicm=0[V], VOUT=1.4[V]) 3V 32V 5V 0℃ 25℃ Input Bias Current – Ambient Temperature (Vicm=0[V],VOUT=1.4[V]) 3V 5V Input Offset Current – Supply Voltage (Vicm=0[V],VOUT=1.4[V]) 0℃ 25℃ Input Offset Current – Ambient Temperature (Vicm=0[V],VOUT=1.4[V]) 3V 32V 5V 0℃ 25℃ 0℃ 70℃ 25℃ Large Signal Voltage Gain – Ambient Temperature (RL=2[kΩ]) 15V 5V 0℃ 25℃ Common Mode Rejection Ratio – Supply Voltage Common Mode Rejection Ratio – Ambient Temperature 5V 3V 32V Power Supply Rejection Ratio – Ambient Temperature Large Signal Voltage Gain – Supply Voltage (RL=2[kΩ]) 70℃ 70℃ 70℃ 32V 70℃ LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family Fig. 13 Fig. 14 Fig. 15 Fig. 16 Fig. 17 Fig. 18 Fig. 19 Fig. 20 Fig. 21 Fig. 22 Fig. 23 Fig. 24 36V [V] |
유사한 부품 번호 - LM2904MX |
|
유사한 설명 - LM2904MX |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |