전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2904DR 데이터시트(PDF) 8 Page - Rohm

부품명 LM2904DR
상세설명  SIGNATURE SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

LM2904DR 데이터시트(HTML) 8 Page - Rohm

Back Button LM2904DR Datasheet HTML 4Page - Rohm LM2904DR Datasheet HTML 5Page - Rohm LM2904DR Datasheet HTML 6Page - Rohm LM2904DR Datasheet HTML 7Page - Rohm LM2904DR Datasheet HTML 8Page - Rohm LM2904DR Datasheet HTML 9Page - Rohm LM2904DR Datasheet HTML 10Page - Rohm LM2904DR Datasheet HTML 11Page - Rohm LM2904DR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical Note
8/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data LM2904 family
(*)The data above is ability value of sample, it is not guaranteed.
0.0
0.2
0.4
0.6
0.8
1.0
0
1020
3040
SUPPLY VOLTAGE [V]
0.0
0.2
0.4
0.6
0.8
1.0
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
0
25
50
75
100
125
150
AMBIENT TEMPERATURE : Ta [℃]
0
10
20
30
40
010
20
30
40
SUPPLY VOLTAGE [V]
0
1
2
3
4
5
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
01234
5
OUTPUT VOLTAGE [V]
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
60
70
80
-50 -25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2
OUTPUT VOLTAGE [V]
0
10
20
30
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
25℃
25℃
125℃
Supply Current – Supply Voltage
40℃
Supply Current – Ambient Temperature
3V
32V
5V
Derating Curve
Maximum Output Voltage – Supply Voltage
(RL=10[kΩ])
-40℃
Maximum Output Voltage – Ambient Temperature
(VCC=5[V],RL=2[kΩ])
Output Source Current – Output Voltage
(VCC=5[V])
-40℃
25℃
105℃
Output Source Current – Ambient Temperature
(VOUT=0[V])
15V
3V
5V
Output Sink Current – Output Voltage
(VCC=5[V])
-40℃
25℃
105℃
Output Sink Current – Ambient Temperature
(VOUT=VCC)
3V
5V
15V
Low Level Sink Current - Supply Voltage
(VOUT=0.2[V])
-40℃
125℃
25℃
Low Level Sink Current - Ambient Temperature
(VOUT=0.2[V])
32V
5V
3V
Input Offset Voltage - Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
-40℃
25℃
125℃
LM2904 family
125℃
105℃
105℃
125℃
105℃
125℃
105℃
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
Fig. 49
Fig. 50
Fig. 51
Fig. 52
Fig. 53
Fig. 54
Fig. 55
Fig. 56
Fig. 57
Fig. 58
Fig. 59
Fig. 60
LM2904 family
LM2904 family
LM2904PT
LM2904WPT
LM2904ST
LM2904DT
LM2904WDT
[℃]


유사한 부품 번호 - LM2904DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2904DR TI-LM2904DR Datasheet
452Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904DR TI1-LM2904DR Datasheet
1Mb / 41P
[Old version datasheet]   Dual Operational Amplifiers
LM2904DR TI1-LM2904DR Datasheet
3Mb / 62P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
REVISED MARCH 2022
LM2904DR TI-LM2904DR Datasheet
459Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904DR TI1-LM2904DR Datasheet
1Mb / 47P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
More results

유사한 설명 - LM2904DR

제조업체부품명데이터시트상세설명
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com