전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QS8M13 데이터시트(PDF) 3 Page - Rohm

부품명 QS8M13
상세설명  4V Drive Nch Pch MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

QS8M13 데이터시트(HTML) 3 Page - Rohm

  QS8M13 Datasheet HTML 1Page - Rohm QS8M13 Datasheet HTML 2Page - Rohm QS8M13 Datasheet HTML 3Page - Rohm QS8M13 Datasheet HTML 4Page - Rohm QS8M13 Datasheet HTML 5Page - Rohm QS8M13 Datasheet HTML 6Page - Rohm QS8M13 Datasheet HTML 7Page - Rohm QS8M13 Datasheet HTML 8Page - Rohm QS8M13 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
QS8M13
 
Electrical characteristics (Ta = 25
C)
<Tr2(Pch)>
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AVGS=20V, VDS=0V
Drain-source breakdown voltage V (BR)DSS
30
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
-
1
AVDS=30V, VGS=0V
Gate threshold voltage
VGS (th)
1.0
-
2.5
V
VDS=10V, ID=1mA
-28
39
ID=5A, VGS=10V
-40
56
ID=2.5A, VGS=4.5V
-45
63
ID=2.5A, VGS=4.0V
Forward transfer admittance
l Yfs l3
-
-
S
VDS=10V, ID=5A
Input capacitance
Ciss
-
1100
-
pF
VDS=10V
Output capacitance
Coss
-
150
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
130
-
pF
f=1MHz
Turn-on delay time
td(on)
-9
-
ns
ID=2.5A, VDD 15V
Rise time
tr
-
40
-
ns
VGS=10V
Turn-off delay time
td(off)
-
90
-
ns
RL=6
Fall time
tf
-
55
-
ns
RG=10
Total gate charge
Qg
-
10
-
nC ID=5A, VDD 15V
Gate-source charge
Qgs
-
3.6
-
nC VGS=5V
Gate-drain charge
Qgd
-
3.0
-
nC
*Pulsed
Body diode characteristics (Source-Drain) (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
VSD
--
1.2
V
Is=5A, VGS=0V
*Pulsed
Parameter
Conditions
Conditions
m
Static drain-source on-state
resistance
RDS (on)
Parameter
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
3/10
2011.05 - Rev.A


유사한 부품 번호 - QS8M13

제조업체부품명데이터시트상세설명
logo
Rohm
QS8M11 ROHM-QS8M11 Datasheet
1Mb / 9P
   4V Drive Nch Pch MOSFET
logo
Unisonic Technologies
QS8M11 UTC-QS8M11 Datasheet
218Kb / 6P
   DUAL ENHANCEMENT MODE
QS8M11G-S08-R UTC-QS8M11G-S08-R Datasheet
218Kb / 6P
   DUAL ENHANCEMENT MODE
QS8M11G-S08-T UTC-QS8M11G-S08-T Datasheet
218Kb / 6P
   DUAL ENHANCEMENT MODE
QS8M11L-S08-R UTC-QS8M11L-S08-R Datasheet
218Kb / 6P
   DUAL ENHANCEMENT MODE
More results

유사한 설명 - QS8M13

제조업체부품명데이터시트상세설명
logo
Rohm
SP8M2 ROHM-SP8M2 Datasheet
74Kb / 4P
   4V Drive Nch Pch MOSFET
SH8M2 ROHM-SH8M2_09 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
SH8M4 ROHM-SH8M4_09 Datasheet
187Kb / 6P
   4V Drive NchPch MOSFET
SH8M24 ROHM-SH8M24_09 Datasheet
168Kb / 4P
   4V Drive NchPch MOSFET
QS8M12TCR ROHM-QS8M12TCR Datasheet
743Kb / 11P
   4V Drive Nch Pch MOSFET
QS8M51 ROHM-QS8M51 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
QS8M11 ROHM-QS8M11 Datasheet
1Mb / 9P
   4V Drive Nch Pch MOSFET
QS8M12 ROHM-QS8M12 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
SP8M51 ROHM-SP8M51 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
TT8M11 ROHM-TT8M11 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com