전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SML-011DT 데이터시트(PDF) 5 Page - Rohm

부품명 SML-011DT
상세설명  Reflector type (3.0 x 2.0mm, t=1.3mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

SML-011DT 데이터시트(HTML) 5 Page - Rohm

  SML-011DT Datasheet HTML 1Page - Rohm SML-011DT Datasheet HTML 2Page - Rohm SML-011DT Datasheet HTML 3Page - Rohm SML-011DT Datasheet HTML 4Page - Rohm SML-011DT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
R1120A
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
N o t e s


유사한 부품 번호 - SML-011DT

제조업체부품명데이터시트상세설명
logo
Rohm
SML-011DT ROHM-SML-011DT Datasheet
349Kb / 3P
   High Brightness Type Chip LEDs with reflector
SML-011DT ROHM-SML-011DT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-011DT ROHM-SML-011DT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-011DT ROHM-SML-011DT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-011DT ROHM-SML-011DT Datasheet
497Kb / 10P
   SML-01 series
More results

유사한 설명 - SML-011DT

제조업체부품명데이터시트상세설명
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML012BCTT86T ROHM-SML012BCTT86T Datasheet
120Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
logo
LUMEX INC.
SML-LXT0805SIUGUBW LUMEX-SML-LXT0805SIUGUBW Datasheet
107Kb / 2P
   2.0mm X 1.3mm PCB SURFACE MOUNT
logo
STANLEY ELECTRIC CO.,LT...
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1204W STANLEY-BRBG1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
Kingbright Corporation
AA3020EC KINGBRIGHT-AA3020EC Datasheet
133Kb / 6P
   3.0 x 2.0mm SINGLE COLOR SURFACE
KPK-3020PBC KINGBRIGHT-KPK-3020PBC Datasheet
95Kb / 4P
   3.0 X 2.0mm SMD SHIP LED LAMP
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com