전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX52-16 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 BCX52-16
상세설명  PNP Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCX52-16 데이터시트(HTML) 1 Page - Micro Commercial Components

  BCX52-16 Datasheet HTML 1Page - Micro Commercial Components BCX52-16 Datasheet HTML 2Page - Micro Commercial Components BCX52-16 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BCX52
BCX52-10
BCX52-16
PNP
Plastic-Encapsulate
Transistors
Features
x
Power Dissipation: PCM=0.5W (Tamb=25 )
x
Collector Current: ICM=-1.0A
x
Collector-Base Voltage: V(BR)CBO=-60V
x
Marking Code: BCX52=AE, BCX52-10=AG, BCX52-16=AM
Maximum Ratings
Symbol
Rating
Value
Unit
IC
Collector Current DC
-1.0
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
qC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
(IC=-100uA, IE=0)
(IC=-1mA, IB=0)
(IE=-100uA, IC=0)
ICBO
Collector Cutoff Current
(VCB=-30V, IE=0)
IEBO
Emitter Cutoff Current
(VEB=-5.0V, IC=0)
hFE(1)
DC Current Gain
(VCE=-2.0V, IC=-150mA)
BCX52
BCX52-10
BCX52-16
63
63
100
---
---
---
250
160
250
---
hFE(2)
DC Current Gain
(VCE=2.0V, IC=-5.0mA)
hFE(3)
DC Current Gain
(VCE=-2.0V, IC=-500mA)
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-500mA,IB=-50mA)
VBE(on)
Base-Emitter Voltage
(IC=-500mA, VCE=-2.0V)
fT
Transition Frequency
(VCE=-5V, IC=-10mA,
f=100MHz)
---
50
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC




















SOT-89
-55 to +150
OC
-60
---
---
V
-60
---
---
V
-5
---
---
V
Range
Range
-5
---
---
V
63
---
---
---
---
---
---
---
---
40
-0.1
-0.1
-0.5
-1
V
V
uA
uA
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
V(BR)CEO
V(BR)CBO
V(BR)EBO
V(BR)CBO
V(BR)CEO
V(BR)EBO
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
-60
-60
-5
V
V
V
E
B
C
www.mccsemi.com
1 of
3




 

 
 











25











































B
A
E
D
G
H
F
K
J
C





















1.55
.061
REF.






























































Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
TM
Micro Commercial Components
Revision: A
2011/01/01


유사한 부품 번호 - BCX52-16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX52-16 PHILIPS-BCX52-16 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Shanghai Leiditech Elec...
BCX52-16 LEIDITECH-BCX52-16 Datasheet
414Kb / 5P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX52-16 SIEMENS-BCX52-16 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Rectron Semiconductor
BCX52-16 RECTRON-BCX52-16 Datasheet
265Kb / 6P
   TRANSISTOR (PNP)
logo
Infineon Technologies A...
BCX52-16 INFINEON-BCX52-16 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

유사한 설명 - BCX52-16

제조업체부품명데이터시트상세설명
logo
TECH PUBLIC Electronics...
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MPSW51A MCC-MPSW51A Datasheet
374Kb / 3P
   PNP Plastic-Encapsulate Transistors
MCP718 MCC-MCP718 Datasheet
595Kb / 5P
   PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
   PNP Plastic-Encapsulate Transistors
KTA1270-O MCC-KTA1270-O Datasheet
323Kb / 2P
   PNP Plastic-Encapsulate Transistors
logo
Jinan Jing Heng Electro...
BC807 JINGHENG-BC807 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
   PNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com