전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM115440-14A 데이터시트(PDF) 8 Page - C&K Components

부품명 DM115440-14A
상세설명  D*BM Series compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DM115440-14A 데이터시트(HTML) 8 Page - C&K Components

Back Button DM115440-14A Datasheet HTML 4Page - C&K Components DM115440-14A Datasheet HTML 5Page - C&K Components DM115440-14A Datasheet HTML 6Page - C&K Components DM115440-14A Datasheet HTML 7Page - C&K Components DM115440-14A Datasheet HTML 8Page - C&K Components DM115440-14A Datasheet HTML 9Page - C&K Components DM115440-14A Datasheet HTML 10Page - C&K Components DM115440-14A Datasheet HTML 11Page - C&K Components DM115440-14A Datasheet HTML 12Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
D*BM Series compliant with ESA/ESCC 3401/080 specification
Connectors Savers, Electrical, Rectangular, Non-Removable
Signal Contacts, and Removable Coaxial and Power Contact For
D*Subminiature
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
8
SECTION 4 : FR022 WITH POWER OR COAXIAL CONTACTS
● Connectors D*BM – FR022 equipped with Power Contact DM115440-14A (Engineering Models) :
(
Manufacturing Control and documentation compliant with C&K FR022 specifications)
Shell Size
Contact arrangement
Connector Description
C&K Part-Number
E
5W1
DEBM5W1PSNMB-FR022
C115440-0090
A
3WK3
DABM3WK3PSNMB-FR022
C115440-0091
A
3W3
DABM3W3PSNMB-FR022
C115440-0092
A
7W2
DABM7W2PSNMB-FR022
C115440-0093
A
11W1
DABM11W1PSNMB-FR022
C115440-0094
B
5W5
DBBM5W5PSNMB-FR022
C115440-0095
B
9W4
DBBM9W4PSNMB-FR022
C115440-0096
B
13W3
DBBM13W3PSNMB-FR022
C115440-0097
B
17W2
DBBM17W2PSNMB-FR022
C115440-0098
B
21W1
DBBM21W1PSNMB-FR022
C115440-0099
C
8W8
DCBM8W8PSNMB-FR022
C115440-0100
C
13W6
DCBM13W6PSNMB-FR022
C115440-0101
C
17W5
DCBM17W5PSNMB-FR022
C115440-0102
C
21WA4
DCBM21WA4PSNMB-FR022
C115440-0103
C
25W3
DCBM25W3PSNMB-FR022
C115440-0104
C
27W2
DCBM27W2PSNMB-FR022
C115440-0105
D
24W7
DDBM24W7PSNMB-FR022
C115440-0106
D
36W4
DDBM36W4PSNMB-FR022
C115440-0107
D
43W2
DDBM43W2PSNMB-FR022
C115440-0108
D
47W1
DDBM47W1PSNMB-FR022
C115440-0109


유사한 부품 번호 - DM115440-14A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM115 SITI-DM115 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
ITT Industries
DM115224-1010A ITT-DM115224-1010A Datasheet
9Mb / 301P
   D Subminiature Connectors
DM115224-1020A ITT-DM115224-1020A Datasheet
9Mb / 301P
   D Subminiature Connectors
DM115224-1040A ITT-DM115224-1040A Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

유사한 설명 - DM115440-14A

제조업체부품명데이터시트상세설명
logo
Sharma Electro Componen...
BM SHARMA-BM Datasheet
352Kb / 2P
   BM Series
logo
Cooper Bussmann, Inc.
BM6031PQ COOPER-BM6031PQ Datasheet
113Kb / 1P
   Supplementary Fuseblocks BM Series
logo
ERNI Electronics
100201930001 ERNI-100201930001 Datasheet
142Kb / 1P
   Federleiste SMD, 91-pol. BM
logo
PHOENIX CONTACT
1676828 PHOENIX-1676828 Datasheet
94Kb / 3P
   HC-M-BM
logo
ERNI Electronics
DC0008057 ERNI-DC0008057 Datasheet
162Kb / 1P
   Federleiste SMD. 133-pol. BM Female Con. SMD. 133 cont. BM
logo
C&K Components
3401-080 CK-COMPONENTS-3401-080 Datasheet
412Kb / 12P
   3401-080 D*BM Connector Savers for D*M Combination Arrangement
logo
ERNI Electronics
DC0008060 ERNI-DC0008060 Datasheet
152Kb / 1P
   Messerleiste SMD. 133-pol. BM Male Con. SMD. 133 cont. BM
394256 ERNI-394256 Datasheet
162Kb / 1P
   Federleiste SMD, 133-pol. BM
100101930001 ERNI-100101930001 Datasheet
117Kb / 1P
   Messerleiste SMD, 91-pol. BM
374723 ERNI-374723 Datasheet
164Kb / 1P
   Messerl. 1mm SMD 50pol. BM EMV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com