전자부품 데이터시트 검색엔진 |
|
SMBJP6KE82A 데이터시트(PDF) 1 Page - Micro Commercial Components |
|
SMBJP6KE82A 데이터시트(HTML) 1 Page - Micro Commercial Components |
1 / 5 page Features For surface mount applicationsin in or der to optimize board space Fast response time: typical less than 1.0ps from 0 volts to VBR minimum Low inductance Mechanical Data Terminals: solderable per MIL-STD-750, Method 2026 Polarity: Color band denotesposit ive end (cathode) except Bidirectional Maximum soldering temperature: 260 oC for 10 seconds Maximum Ratings @ 25 oC Unless Otherwise Specified Peak Pulse Current on 10/1000us waveform IPP See Table 1 Note: 2 Peak Pulse Power Dissipation PPP 600W Note: 2, Peak Forward Surge Current IFSM) 100A Note: 3 Operation And Storage Temperature Range TJ, TSTG -55 oC to +150 oC NOTES: 2. Non-repetitive current pulse, per Fig.3 and derated above TA=25 oC per Fig.2. SMBJP6KE6.8(C)A THRU SMBJP6KE550(C)A Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt Excellent clamping capability DO-214AA (SMBJ) (LEAD FRAME) 0.050” 0.106" 0.082” SUGGESTED SOLDER PAD LAYOUT omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .160 .185 4.06 4.70 B .130 .155 3.30 3.94 C .006 .012 0.15 0.31 D..030 .060 0.76 1..52 E .200 .220 5.08 5.59 F .079 .096 2.00 2.44 G .075 .087 1.91 2.21 H .002 .008 0.05 0.203 A B D C E F G H UL Recognized File # E331408 TM Micro Commercial Components www.mccsemi.com 1 of 5 Revision: A 2011/01/01 • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) 3. 8.3ms, single half sine wave duty cycle=4 pulses per. Minute maximum. 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7. • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 |
유사한 부품 번호 - SMBJP6KE82A |
|
유사한 설명 - SMBJP6KE82A |