전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21007CFB825Z 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL21007CFB825Z
상세설명  Precision, Low Noise FGA??Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007CFB825Z 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL21007CFB825Z Datasheet HTML 1Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 2Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 3Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 4Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 5Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 6Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 7Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 8Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL21007
3
FN6326.8
July 14, 2011
Typical Application Circuit
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
GND or NC
Ground or No Connection
2
VIN
Power Supply Input Connection
4GND
Ground
5
TRIM
Allows user trim VOUT ±2.5%
6
VOUT
Voltage Reference Output Connection
3, 7, 8
DNC
Do Not Connect; Internal Connection - Must Be Left Floating
FIGURE 1. TYPICAL APPLICATION PRECISION 12-BIT SUBRANGING DAC
C1
0.001µF
C1
10µF
LOW NOISE DAC OUTPUT
ISL21007-12, 20, 25, 30
GND
GND
NC
NC
NC
TRIM
VOUT
VIN
1
2
3
4
8
7
6
5
+3V
X79000
SCK
A0
A1
A2
SI
SO
RDY
UP
DOWN
OE
CS
CLR
VCC
VH
VL
VREF
VSS
VOUT
VBUF
VFB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SPI BUS


유사한 부품 번호 - ISL21007CFB825Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21007CFB825Z INTERSIL-ISL21007CFB825Z Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21007CFB825Z INTERSIL-ISL21007CFB825Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
logo
Renesas Technology Corp
ISL21007CFB825Z RENESAS-ISL21007CFB825Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results

유사한 설명 - ISL21007CFB825Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com