전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMCJ1.5KE36CA 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 SMCJ1.5KE36CA
상세설명  Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ1.5KE36CA 데이터시트(HTML) 2 Page - Micro Commercial Components

  SMCJ1.5KE36CA Datasheet HTML 1Page - Micro Commercial Components SMCJ1.5KE36CA Datasheet HTML 2Page - Micro Commercial Components SMCJ1.5KE36CA Datasheet HTML 3Page - Micro Commercial Components SMCJ1.5KE36CA Datasheet HTML 4Page - Micro Commercial Components SMCJ1.5KE36CA Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
SMCJ1.5KE6.8A
5.80
6.45
7.14
10
10.5
144.8
1000
6V8A
SMCJ1.5KE7.5A
6.40
7.13
7.88
10
11.3
134.5
500
7V5A
SMCJ1.5KE8.2A
7.02
7.79
8.61
10
12.1
125.6
200
8V2A
SMCJ1.5KE9.1A
7.78
8.65
9.55
1
13.4
113.4
50
9V1A
SMCJ1.5KE10A
8.55
9.50
10.50
1
14.5
104.8
10
10A
SMCJ1.5KE11A
9.40
10.50
11.60
1
15.6
97.4
5
11A
SMCJ1.5KE12A
10.20
11.40
12.60
1
16.7
91.0
5
12A
SMCJ1.5KE13A
11.10
12.40
13.70
1
18.2
83.5
5
13A
SMCJ1.5KE15A
12.80
14.30
15.80
1
21.2
71.7
5
15A
SMCJ1.5KE16A
13.60
15.20
16.80
1
22.5
67.6
5
16A
SMCJ1.5KE18A
15.30
17.10
18.90
1
25.5
60.3
5
18A
SMCJ1.5KE20A
17.10
19.00
21.00
1
27.7
54.9
5
20A
SMCJ1.5KE22A
18.80
20.90
23.10
1
30.6
49.7
5
22A
SMCJ1.5KE24A
20.50
22.80
25.20
1
33.2
45.8
5
24A
SMCJ1.5KE27A
23.10
25.70
28.40
1
37.5
40.5
5
27A
SMCJ1.5KE30A
25.60
28.50
31.50
1
41.4
36.7
5
30A
SMCJ1.5KE33A
28.20
31.40
34.70
1
45.7
33.3
5
33A
SMCJ1.5KE36A
30.80
34.20
37.80
1
49.9
30.5
5
36A
SMCJ1.5KE39A
33.30
37.10
41.00
1
53.9
28.2
5
39A
SMCJ1.5KE43A
36.80
40.90
45.20
1
59.3
25.6
5
43A
SMCJ1.5KE47A
40.20
44.70
49.40
1
64.8
23.5
5
47A
SMCJ1.5KE51A
43.60
48.50
53.60
1
70.1
21.7
5
51A
SMCJ1.5KE56A
47.80
53.20
58.80
1
77.0
19.7
5
56A
SMCJ1.5KE62A
53.00
58.90
65.10
1
85.0
17.9
5
62A
SMCJ1.5KE68A
58.10
64.60
71.40
1
92.0
16.5
5
68A
SMCJ1.5KE75A
64.10
71.30
78.80
1
103.0
14.8
5
75A
SMCJ1.5KE82A
70.10
77.90
86.10
1
113.0
13.5
5
82A
SMCJ1.5KE91A
77.80
86.50
95.50
1
125.0
12.2
5
91A
SMCJ1.5KE100A
85.50
95.00
105.00
1
137.0
11.1
5
100A
SMCJ1.5KE110A
94.00
105.00
116.00
1
152.0
10.0
5
110A
SMCJ1.5KE120A
102.00
114.00
126.00
1
165.0
9.2
5
120A
SMCJ1.5KE130A
111.00
124.00
137.00
1
179.0
8.5
5
130A
SMCJ1.5KE150A
128.00
143.00
158.00
1
207.0
7.3
5
150A
SMCJ1.5KE160A
136.00
152.00
168.00
1
219.0
6.9
5
160A
SMCJ1.5KE170A
145.00
162.00
179.00
1
234.0
6.5
5
170A
SMCJ1.5KE180A
154.00
171.00
189.00
1
246.0
6.2
5
180A
SMCJ1.5KE200A
171.00
190.00
210.00
1
274.0
5.5
5
200A
SMCJ1.5KE220A
185.00
209.00
231.00
1
328.0
4.6
5
220A
SMCJ1.5KE250A
214.00
237.00
263.00
1
344.0
4.4
5
250A
SMCJ1.5KE300A
256.00
285.00
315.00
1
414.0
3.7
5
300A
SMCJ1.5KE350A
300.00
332.00
368.00
1
482.0
3.2
5
350A
SMCJ1.5KE400A
342.00
380.00
420.00
1
548.0
2.8
5
400A
SMCJ1.5KE440A
376.00
418.00
462.00
1
602.0
2.5
5
440A
SMCJ1.5KE480A
408.00
456.00
504.00
1
658.0
2.3
5
480A
SMCJ1.5KE510A
434.00
485.00
535.00
1
698.0
2.1
5
510A
SMCJ1.5KE530A
477.00
503.50
556.50
1
725.0
2.1
5
530A
SMCJ1.5KE540A
459.00
513.00
567.00
1
740.0
2.0
5
540A
SMCJ1.5KE550A
495.00
522.50
577.50
1
760.0
2.0
5
550A
SMCJ1.5KE6.8(C)A THRU SMCJ1.5KE550(C)A
MC C
For bi-directional type having Vrwm of 10 volts and less, the IR limit is double.
The available parts are “A” type only, the parts without A (VBR is
f10%) is not available.
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 5


유사한 부품 번호 - SMCJ1.5KE36CA

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMCJ1.5KE36CA-TP MCC-SMCJ1.5KE36CA-TP Datasheet
322Kb / 5P
   For surface mount applicationsin in order to optimize board space
More results

유사한 설명 - SMCJ1.5KE36CA

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE12CA-TP MCC-SMBJP6KE12CA-TP Datasheet
426Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMAJP4KE6.8A MCC-SMAJP4KE6.8A Datasheet
301Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_15 Datasheet
649Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com