전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL60002BIH310Z-TK 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL60002BIH310Z-TK
상세설명  Precision Low Power FGA??Voltage References
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002BIH310Z-TK 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL60002BIH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 9Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 10Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 11Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ISL60002
8
FN8082.17
December 16, 2010
Typical Performance Characteristic Curves, VOUT = 1.024V
VIN = 3.0V, IOUT = 0mA, TA = +25°C unless otherwise specified.
FIGURE 1. IIN vs VIN, 3 UNITS
FIGURE 2. IIN vs VIN OVER-TEMPERATURE
FIGURE 3. LINE REGULATION, 3 UNITS
FIGURE 4. LINE REGULATION OVER-TEMPERATURE
FIGURE 5. VOUT vs TEMPERATURE NORMALIZED to +25°C
0
100
200
300
400
500
600
700
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
UNIT 3
UNIT 2
UNIT 1
VIN (V)
100
150
200
250
300
350
400
450
500
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
+85°C
-40°C
+25°C
1.0236
1.0237
1.0238
1.0239
1.0240
1.0241
1.0242
1.0243
1.0244
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
UNIT 1
UNIT 2
UNIT 3
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
+25°C
+85°C
-40°C
1.0230
1.0234
1.0236
1.0240
1.0244
1.0248
1.0250
-40
-15
10
35
60
85
TEMPERATURE (°C)
UNIT 1
UNIT 3
UNIT 2
1.0246
1.0242
1.0238
1.0232


유사한 부품 번호 - ISL60002BIH310Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL60002BIH310Z-TK RENESAS-ISL60002BIH310Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

유사한 설명 - ISL60002BIH310Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com