전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJ5.0 데이터시트(PDF) 4 Page - Micro Commercial Components

부품명 SMBJ5.0
상세설명  Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ5.0 데이터시트(HTML) 4 Page - Micro Commercial Components

  SMBJ5.0 Datasheet HTML 1Page - Micro Commercial Components SMBJ5.0 Datasheet HTML 2Page - Micro Commercial Components SMBJ5.0 Datasheet HTML 3Page - Micro Commercial Components SMBJ5.0 Datasheet HTML 4Page - Micro Commercial Components SMBJ5.0 Datasheet HTML 5Page - Micro Commercial Components SMBJ5.0 Datasheet HTML 6Page - Micro Commercial Components SMBJ5.0 Datasheet HTML 7Page - Micro Commercial Components SMBJ5.0 Datasheet HTML 8Page - Micro Commercial Components SMBJ5.0 Datasheet HTML 9Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SMBJ5.0(A) thru SMBJ440(A)
Electrical Characteristics @ 25
oC Unless Otherwise Specified
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE@IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MCC PART
NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING
CODE
SMBJ28
28
31.1
38.0
1
50.0
12.0
5
MF
SMBJ28A
28
31.1
34.4
1
45.4
13.2
5
MG
SMBJ30
30
33.3
40.7
1
53.5
11.2
5
MH
SMBJ30A
30
33.3
36.8
1
48.4
12.4
5
MK
SMBJ33
33
36.7
44.9
1
59.0
10.2
5
ML
SMBJ33A
33
36.7
40.6
1
53.3
11.3
5
MM
SMBJ36
36
40.0
48.9
1
64.3
9.3
5
MN
SMBJ36A
36
40.0
44.2
1
58.1
10.3
5
MP
SMBJ40
40
44.4
54.3
1
71.4
8.4
5
MQ
SMBJ40A
40
44.4
49.1
1
64.5
9.3
5
MR
SMBJ43
43
47.8
58.4
1
76.7
7.8
5
MS
SMBJ43A
43
47.8
52.8
1
69.4
8.6
5
MT
SMBJ45
45
50.0
61.1
1
80.3
7.5
5
MU
SMBJ45A
45
50.0
55.3
1
72.7
8.3
5
MV
SMBJ48
48
53.3
65.1
1
85.5
7.0
5
MW
SMBJ48A
48
53.3
58.9
1
77.4
7.7
5
MX
SMBJ51
51
56.7
69.3
1
91.1
6.6
5
MY
SMBJ51A
51
56.7
62.7
1
82.4
7.3
5
MZ
SMBJ54
54
60.0
73.3
1
96.3
6.2
5
ND
SMBJ54A
54
60.0
66.3
1
87.1
6.9
5
NE
SMBJ58
58
64.4
78.7
1
103
5.8
5
NF
SMBJ58A
58
64.4
71.2
1
93.6
6.4
5
NG
SMBJ60
60
66.7
81.5
1
107
5.6
5
NH
SMBJ60A
60
66.7
73.7
1
96.8
6.2
5
NK
SMBJ64
64
71.1
86.9
1
114
5.3
5
NL
SMBJ64A
64
71.1
78.6
1
103
5.8
5
NM
SMBJ70
70
77.8
95.1
1
125
4.8
5
NN
SMBJ70A
70
77.8
86.0
1
113
5.3
5
NP
SMBJ75
75
83.3
102
1
134
4.5
5
NQ
SMBJ75A
75
83.3
92.1
1
121
4.9
5
NR
SMBJ78
78
86.7
106
1
139
4.3
5
NS
SMBJ78A
78
86.7
95.8
1
126
4.7
5
NT
SMBJ85
85
94.4
115
1
151
3.9
5
NU
SMBJ85A
85
94.4
104
1
137
4.4
5
NV
SMBJ90
90
100
122
1
160
3.8
5
NW
SMBJ90A
90
100
111
1
146
4.1
5
NX
SMBJ100
100
111
136
1
179
3.4
5
NY
SMBJ100A
100
111
123
1
162
3.7
5
NZ
SMBJ110
110
122
149
1
196
3.0
5
PD
SMBJ110A
110
122
135
1
177
3.4
5
PE
SMBJ120
120
133
163
1
214
2.8
5
PF
SMBJ120A
120
133
147
1
193
3.1
5
PG
MCC
TM
Micro Commercial Components
www.mccsemi.com
4 of 9
Revision: B
2011/09/06


유사한 부품 번호 - SMBJ5.0

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMBJ5.0 JGD-SMBJ5.0 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ5.0 MICROSEMI-SMBJ5.0 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ5.0 SOCAY-SMBJ5.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
SMBJ5.0 UNSEMI-SMBJ5.0 Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Galaxy Semi-Conductor H...
SMBJ5.0 BILIN-SMBJ5.0 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - SMBJ5.0

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0_09 Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ26A-TP MCC-SMBJ26A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ30-TP MCC-SMBJ30-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ28A-TP MCC-SMBJ28A-TP Datasheet
352Kb / 10P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ43A-TP MCC-SMCJ43A-TP Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com