전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMB001 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 KMB001
상세설명  8-Bit to 16-Bit, 40MSPS to 500MSPS ADC Evaluation System
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KMB001 데이터시트(HTML) 1 Page - Intersil Corporation

  KMB001 Datasheet HTML 1Page - Intersil Corporation KMB001 Datasheet HTML 2Page - Intersil Corporation KMB001 Datasheet HTML 3Page - Intersil Corporation KMB001 Datasheet HTML 4Page - Intersil Corporation KMB001 Datasheet HTML 5Page - Intersil Corporation KMB001 Datasheet HTML 6Page - Intersil Corporation KMB001 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Application Note 1434
Author: David Carr
8-Bit to 16-Bit, 40MSPS to 500MSPS ADC Evaluation
System
The Intersil KMB001 evaluation system allows users to
evaluate the Intersil portfolio of low-power, 8-bit to 16-bit,
high-performance analog-to-digital converters (ADC). These
converters run at sampling rates of 40MSPS to 500MSPS and
are designed with the Intersil proprietary FemtoCharge™
technology on a standard CMOS process.
The KMB001 evaluation system uses the Intersil Konverter
Analyzer software, which displays all pertinent data such as
SFDR, SINAD, ENOB, harmonics, current, and power
measurements. The software also plots outputs in frequency
spectra and time domain.
To begin testing, simply connect the input signal, sampling
clock, and target computer to the motherboard, and supply
power (Figure 1). The motherboard provides appropriate
supply voltages and captures digital data from the daughter
card. Daughter cards contain the ADCs and attach directly to
the KMB001 to form the ADC evaluation platform (Figure 2).
To ensure proper operation of the system, it is recommended
that the most current software version be installed. If Intersil
Konverter Analyzer is already installed on the machine, it must
be uninstalled prior to installation of the latest version.
Features
• 18Mb FIFO captures 1M ADC output samples
• USB2.0 interface for rapid data transfer
• Datasheet-style, live-updated display
KMB001 Evaluation System
Contents
The KMB001 is provided with a USB cable to connect to a PC
and a 5V power supply. The user need only provide signal and
clock sources and a PC running the Microsoft Windows™ XP or
Windows 2000 operating system. Intersil Konverter Analyzer
software can be downloaded from the Intersil web site.
FIGURE 1. EVALUATION PLATFORM, SIGNAL SOURCES AND PC
FIGURE 2. EXAMPLE EVALUATION PLATFORM CONNECTIONS (SHOWING KDC2710 DAUGHTER CARD)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Copyright Intersil Americas Inc. 2011. All Rights Reserved.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
March 31, 2011
AN1434.4


유사한 부품 번호 - KMB001

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KMB010P30QA KEC-KMB010P30QA Datasheet
464Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
KMB012N30Q KEC-KMB012N30Q Datasheet
382Kb / 1P
   FLP-8 PACKAGE
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
More results

유사한 설명 - KMB001

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX1206 MAXIM-MAX1206 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
logo
Exar Corporation
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
logo
Zarlink Semiconductor I...
SP94308 ZARLINK-SP94308 Datasheet
467Kb / 7P
   8-BIT VIDEO SYSTEM ADC
logo
Linear Technology
LTC2205 LINER-LTC2205 Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com