전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2907ADCSM 데이터시트(PDF) 1 Page - Seme LAB

부품명 2N2907ADCSM
상세설명  DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2907ADCSM 데이터시트(HTML) 1 Page - Seme LAB

  2N2907ADCSM_08 Datasheet HTML 1Page - Seme LAB 2N2907ADCSM_08 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LAB
SEME
2N2907ADCSM
DUAL HIGH SPEED, MEDIUM POWER
PNP SWITCHING TRANSISTOR IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• DUAL SILICON PLANAR EPITAXIAL
PNP TRANSISTORS
• HERMETIC CERAMIC SURFACE
MOUNT PACKAGE
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
• HIGH SPEED SATURATED SWITCHING
APPLICATIONS:
Hermetically sealed dual surface mount
version of the popular 2N2907A for high
reliability / space applications requiring
small size and low weight devices.
PER SIDE
VCBO
Collector - Base Voltage
VCEO
Collector - Emitter Voltage
VEBO
Emitter - Base Voltage
IC
Collector Current
TOTAL DEVICE
PD
Total Device Dissipation
PD
Derate above 50°C
RθJA
Thermal Resistance Junction to Ambient
RθJC
Thermal Resistance Junction to Case
TSTG,Tj
Storage Temperature, Operating temp range
–60V
–60V
–5V
-600mA
350mW
2.0mW / °C
130°C / W
60°C / W
–55 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
LCC2 PACKAGE
Underside View
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise stated)
PAD 1 – Collector 1
PAD 2 – Base 1
PAD 3 – Base 2
PAD 4 – Collector 2
PAD 5 – Emitter 2
PAD 6 – Emitter 1
1
2
6
3
4
5
0.23
(0.009)
1.40 ± 0.15
(0.055 ± 0.006)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
rad.
A
1.27 ± 0.13
(0.05 ± 0.005)
A =
6.22 ± 0.13
(0.245 ± 0.005)
Document Number 7581
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


유사한 부품 번호 - 2N2907ADCSM_08

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N2907ADCSM SEME-LAB-2N2907ADCSM Datasheet
41Kb / 2P
   DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

유사한 설명 - 2N2907ADCSM_08

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N2907A SEME-LAB-2N2907A Datasheet
15Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2905A SEME-LAB-2N2905A_02 Datasheet
43Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
BCY70CSM SEME-LAB-BCY70CSM Datasheet
20Kb / 3P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2905A SEME-LAB-2N2905A Datasheet
18Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
   HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
logo
Rohm
UMT2907AT106 ROHM-UMT2907AT106 Datasheet
94Kb / 5P
   PNP Medium Power Transistor (Switching)
SST4403 ROHM-SST4403_07 Datasheet
104Kb / 4P
   PNP Medium Power Transistor(Switching)
SST2907AT116 ROHM-SST2907AT116 Datasheet
94Kb / 5P
   PNP Medium Power Transistor (Switching)
UMT4403 ROHM-UMT4403 Datasheet
40Kb / 1P
   PNP Medium Power Transistor (Switching)
logo
Seme LAB
2N2222A SEME-LAB-2N2222A_09 Datasheet
41Kb / 2P
   HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com