전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2919 데이터시트(PDF) 1 Page - Seme LAB

부품명 2N2919
상세설명  DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2919 데이터시트(HTML) 1 Page - Seme LAB

  2N2919 Datasheet HTML 1Page - Seme LAB 2N2919 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number 3302
Issue 1
2N2919
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
DUAL NPN
PLANAR TRANSISTORS IN
TO77 PACKAGE
Applications
• Differential Amplifiers
• High Gain, Low Noise Audio Amplifiers
• Low Level Flip Flops
• Transducer Signal Conditioner Amplifiers
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Continuous Collector Current
PD
Total Device Dissipation
TAMB = 25°C
Derate above 25°C
PD
Total Device Dissipation
TC = 25°C
Derate above 25°C
TSTG
Storage Temperature Range
TL
Lead temperature (Soldering, 10 sec.)
60V
60V
6V
30mA
300mW
500mW
1.72mW / °C
2.86W / °C
750mW
1.5W
4.3mW / °C
8.6mW / °C
–65 to 200°C
300°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–77 PACKAGE (MO - 002AF)
ABSOLUTE MAXIMUM RATINGS
(Tamb = 25°C unless otherwise stated)
PIN 1 – Collector 1
PIN 2 – Base 1
PIN 3 – Emitter 1
PIN 4 – Emitter 2
PIN 5 – Base 2
PIN 6 – Collector 2
1.02
(0.040)
Max.
8.51 (0.335)
9.40 (0.370)
7.75 (0.305)
8.51 (0.335)
5.08
(0.200)
2.54
(0.100)
2.54
(0.100)
0.74 (0.029)
1.14 (0.045)
1
6
4
3
2
45˚
0.71 (0.028)
0.86 (0.034)
0.41 (0.016)
0.53 (0.021)
5
EACH SIDE
TOTAL DEVICE
Underside View


유사한 부품 번호 - 2N2919

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N2919 SEME-LAB-2N2919 Datasheet
28Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
Central Semiconductor C...
2N2919 CENTRAL-2N2919 Datasheet
52Kb / 1P
   Dual Transistors
logo
Semicoa Semiconductor
2N2919 SEMICOA-2N2919 Datasheet
208Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N2919 MICROSEMI-2N2919 Datasheet
304Kb / 4P
   NPN SILICON DUAL TRANSISTOR
logo
New Jersey Semi-Conduct...
2N2919 NJSEMI-2N2919 Datasheet
133Kb / 1P
   DIFFERENTIAL AMPLIFIER AND DUAL NPN SILICON TRANSISTOR
More results

유사한 설명 - 2N2919

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
2N2918 NJSEMI-2N2918 Datasheet
212Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
Seme LAB
2N2919 SEME-LAB-2N2919 Datasheet
28Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2913 SEME-LAB-2N2913 Datasheet
29Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
New Jersey Semi-Conduct...
2N2920 NJSEMI-2N2920 Datasheet
86Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
Seme LAB
2N2914 SEME-LAB-2N2914 Datasheet
28Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2920 SEME-LAB-2N2920 Datasheet
19Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
New Jersey Semi-Conduct...
2N2914 NJSEMI-2N2914 Datasheet
212Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
2N2915 NJSEMI-2N2915 Datasheet
92Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
logo
Seme LAB
2N2223A SEME-LAB-2N2223A Datasheet
18Kb / 2P
   DUAL NPN TRANSISTOR IN TO77 HERMETIC PACKAGE
2N5794 SEME-LAB-2N5794 Datasheet
43Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com