전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCY39A 데이터시트(PDF) 2 Page - Seme LAB

부품명 BCY39A
상세설명  SMALL SIGNAL PNP TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY39A 데이터시트(HTML) 2 Page - Seme LAB

  BCY39A Datasheet HTML 1Page - Seme LAB BCY39A Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
Document Number 3080
Issue 1
BCY39A
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
VCB = -6V
IE = 0
VCB = -6V
IE = 0
Tamb = 100°C
VEB = -6V
IC = 0
VEB = -6V
IC = 0
Tamb = 100°C
IC = 30mA
VCE = -1V
IC = 150mA
VCE = - 1V
ICM = 300mA VCE = - 6V
IC = 150mA
IB = 15mA
IC = 150mA
IB = - 1V
IE = 150mA
VCB = 0
IC = 500µAVCE = -2V
f = 1kc/s
Rs = 500Ω
IC = 10mA
VCE = -6V
f = 1kc/s
IC = 1mA
VCE = -6V
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
hFE
DC Current Gain
VCE(sat)
Collector – Emitter Saturation Voltage
VBE
Base – Emitter Voltage
IB
Base – Current
NF
Noise Figure
hfe
Small Signal Current Gain
fT
Transistion Frequency
1
100
0.1
2.5
1
100
0.1
2.5
12
30
10
50
15
-0.46
-1.1
-1.5
-1.9
314
8
15
35
100
0.45
1.5
nA
µA
nA
µA
V
mA
dB
MHz
*Pulse Test : Pulse Width < 300
µs, Duty Cycle < 2%
CHARACTERISTICS
θj-amb
Junction to Ambient
θj-case
Junction to Case
0.3°C/mW
0.12°C/mW


유사한 부품 번호 - BCY39A

제조업체부품명데이터시트상세설명
logo
Seme LAB
BCY39A SEME-LAB-BCY39A Datasheet
14Kb / 2P
   SMALL SIGNAL PNP TRANSISTORS IN TO-5
More results

유사한 설명 - BCY39A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
   PNP Small Signal Transistors
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
   Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
   Small Signal Transistors (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
   PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
   PNP Small Signal Transistors
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
   Small Signal Transistors (PNP)
09-May-02
logo
General Semiconductor
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MMBTA56 GE-MMBTA56 Datasheet
56Kb / 2P
   Small Signal Transistors (PNP)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com