전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS2576 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TS2576
상세설명  3A / 52KHz Buck Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2576 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2576_08 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2576_08 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2576_08 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2576_08 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2576_08 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2576_08 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2576_08 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2576_08 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS2576
3A / 52KHz Buck Switching Regulator
2/8
Version: B07
Thermal Information
Parameter
Symbol
Maximum
Unit
TO-220-5L
2
Thermal Resistance (Junction to Case)
TO-263-5L
ӨJC
2
oC/W
TO-220-5L
65 (note 1)
Thermal Resistance (Junction to Ambient)
TO-263-5L
ӨJA
50 (note 2)
oC/W
Note1: ӨJA is measured on the PCB with minimum copper area.
Note2: ӨJA is measured with the PCB copper area (need connect to GROUND pins) of approximately 0.5 in
2
Electrical Specifications (All Output Voltage Version)
(Ta = 25
oC unless otherwise noted, VIN=12V for 3.3V, 5V, Adjustable version. ILOAD =0.5A)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Feedback
VFB
4.5V≤ VIN ≤40V
0.2A≤ ILOAD ≤3A
1.180
1.23
1.280
V
Efficiency
ADJ
η
VIN =12V, ILOAD =3A, VOUT =5V
--
77
--
%
Output Feedback
VFB
4.75V≤ VIN ≤40V
0.2A≤ ILOAD ≤3A
3.135
3.3V
3.465
V
Efficiency
3.3V
η
VIN =12V, ILOAD =3A
--
75
--
%
Output Feedback
VFB
7V≤ VIN ≤40V
0.2A≤ ILOAD ≤3A
4.75
5
5.25
V
Efficiency
5V
η
VIN =12V, ILOAD =3A
--
77
--
%
Feedback Bias Current
IFB
VOUT = 5V (Adjustable Version)
--
50
100
nA
Oscillator Frequency
FOSC
47
52
58
KHz
Soft-Start Time
TSS
Rising edge of EN on to ICL
--
3
--
mS
Current Limit
ICL
Pear Current, no outside circuit
VFB =0V force driver on
5.9
--
--
A
Saturation Voltage
VSAT
IOUT=3A, No outside circuit
VFB =0V force driver on
--
1.4
1.8
V
VIL
Low (regulator ON)
--
1.2
1.0
ON/OFF Pin Logic Input Threshold
Voltage
VIH
High (regulator OFF)
2.2
1.4
--
V
IL
VLOGIC =5V (OFF)
--
12
30
ON/OFF Pin Logic Input Current
IH
VLOGIC =0V (ON)
--
0
10
µA
Maximum Duty Cycle (ON)
VFB =0V force driver on
93
98
--
Maximum Duty Cycle (OFF)
DC
VFB =12V force driver off
--
0
--
%
Quiescent Current
IQ
VFB =12V force driver off
--
5
10
mA
ON/OFF pin=5V
--
200
Standby Quiescent Current
ISTBY
VIN =40V
--
70
250
µA
SW pin = 0
No outside circuit,
VFB =12V force driver off
--
0.3
2
mA
SW Pin Leakage
Current
SW pin = -1
ISWL
VIN =12V
--
7.5
30
mA


유사한 부품 번호 - TS2576_08

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
More results

유사한 설명 - TS2576_08

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
   2A / 52KHz Buck Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576_11 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com