전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS19372CX5RF 데이터시트(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

부품명 TS19372CX5RF
상세설명  Buck (Step-down) WLED Driver with External Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19372CX5RF 데이터시트(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS19372CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS19372
Buck (Step-down) WLED Driver with External Switch
6/9
Version: D09
Typical Application Circuit – Buck Dimming Control Circuit 1W LED 3S1P
Bill of Materials:
Designation
Description
Package
Manufacture
Remark
LED Driver
TS19372CX5
SOT-25
TSC
--
D1
SK34A
SMA
TSC
3A, 40V
M1. M2
TSM2N7002KCX
SOT-23
TSC
M3
TSM2318CX
SOT-23
TSC
N-CH 40V / 3.9A
L1
100uH
--
Generic
Isat >1.5A
R1
0.1
1206
Generic
--
R2, R3
1k
1206
Generic
--
R4, R5, R6
10k
1206
Generic
C1
10uF
805
Generic
Ceramic
C2
820pF
805
Generic
Ceramic


유사한 부품 번호 - TS19372CX5RF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19372CX5RF TSC-TS19372CX5RF Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
More results

유사한 설명 - TS19372CX5RF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
   8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
   8 Strings, Step Up WLED Controller with External Transistor
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com