전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS39154 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 TS39154
상세설명  1.5A Ultra Low LDO with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39154 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS39154 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39154 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39154 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39154 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39154 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39154 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39154 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS39154
1.5A Ultra Low LDO with Enable
4/7
Version: D08
Application Information (Continue)
Input Capacitor Requirement
An input capacitor of 1uF or greater is recommended when the device is more than 4” away from the bulk AC supply
capacitance or when the supply is a battery. Small, surface mount, ceramic chip capacitors can be used for bypassing.
Larger values will help to improve ripple rejection by bypassing the input to the regulator, further improving the integrity
of the output voltage.
Minimum Load Current
The TS39154 is specified between finite loads. If the output current is too small leakage currents dominate and the
output voltage rises. A 10mA minimum load current is necessary for proper regulation.
Adjustable Regulator Design
The TS39154 is allowed to programming the output voltage anywhere between 1.25 and the 16V maximum operating
rating of the family.
Two resistors are used. Resistors can be quite large up to 1MΩ, because of the very high input impedance and low
bias current of the sense comparator, the resistor values are calculated by:
Where VOUT is the desired output voltage. Above application circuit shows component definition. Applications with
widely varying load currents may scale the resistors to draw the minimum load current required for proper operation.
Enable Input
TS39154 feature an active-high enable (EN) input that allows ON/OFF control of the regulator. Current drain reduces
to “zero” when the device is shutdown, with only micro-amperes of leakage current. The EN input has TTL/CMOS
compatible thresholds for simple interfacing with logic interfacing. EN may be directly tied to VIN and pulled up to the
maximum supply voltage.
Table 1: Resistor select for output voltage setting
VOUT
R1
R2
5V
470kΩ
155kΩ
3.3V
470kΩ
290kΩ
2.5V
470kΩ
460kΩ
1.8V
210kΩ
470kΩ
1.5V
100kΩ
470kΩ


유사한 부품 번호 - TS39154

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150 TSC-TS39150 Datasheet
520Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CM TSC-TS39150CM Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150CM TSC-TS39150CM Datasheet
520Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CM05 TSC-TS39150CM05 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
More results

유사한 설명 - TS39154

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS39105 TSC-TS39105 Datasheet
302Kb / 7P
   1A Ultra Low LDO with Enable
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
TPS74301 TI-TPS74301 Datasheet
846Kb / 27P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Sequencing
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
   1.5A Low Dropout Regulator with Enable
G965 GMT-G965_07 Datasheet
498Kb / 9P
   1.5A Low Dropout Regulator with Enable
G9965 GMT-G9965 Datasheet
42Kb / 1P
   1.5A Low Dropout Regulator with Enable
logo
Richtek Technology Corp...
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com