전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP006_1107 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TMP006_1107
상세설명  Infrared Thermopile Sensor in Chip-Scale Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP006_1107 데이터시트(HTML) 5 Page - Texas Instruments

  TMP006_1107 Datasheet HTML 1Page - Texas Instruments TMP006_1107 Datasheet HTML 2Page - Texas Instruments TMP006_1107 Datasheet HTML 3Page - Texas Instruments TMP006_1107 Datasheet HTML 4Page - Texas Instruments TMP006_1107 Datasheet HTML 5Page - Texas Instruments TMP006_1107 Datasheet HTML 6Page - Texas Instruments TMP006_1107 Datasheet HTML 7Page - Texas Instruments TMP006_1107 Datasheet HTML 8Page - Texas Instruments TMP006_1107 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
C1
C3
C2
B1
B3
A1
A3
A2
Sensor
C
B
A
1
3
2
Columns
TMP006
www.ti.com
SBOS518A
– MAY 2011 – REVISED JULY 2011
PIN CONFIGURATION
YZF PACKAGE
WCSP-8
(Top View, Not to Scale)
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
A1
DGND
Digital ground
A2
AGND
Analog ground
A3
V+
Positive supply (2.2 V to 5.5 V)
B1
ADR1
Address select pin
B3
SCL
Serial clock line for SMBus, open-drain; requires a pull-up resistor to V+
C1
ADR0
Address select pin
C2
DRDY
Data ready, active low, open-drain; requires a pull-up resistor to V+
C3
SDA
Serial data line for SMBus, open-drain; requires a pull-up resistor to V+
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMP006


유사한 부품 번호 - TMP006_1107

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

유사한 설명 - TMP006_1107

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com