์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AMT303 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - CUI INC

๋ถ€ํ’ˆ๋ช… AMT303
์ƒ์„ธ๋‚ด์šฉ  MODULAR ENCODER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  CUI [CUI INC]
ํ™ˆํŽ˜์ด์ง€  http://www.cui.com
Logo 

AMT303 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - CUI INC

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 2 / 6 page
background image
SERIES: AMT303
MODULAR ENCODER
dEScRIptIon:
date 05/04/2011 page 2 of 6
cUI Inc
cui.com
paRt nUmBER KEY
For customers that prefer a specific AMT303 configuration, please reference the custom configuration key below.
amt303 - XX - XXXX - XXXX - XX - XX
Resolution (ppr):
0096
0500
0192
0512
0200
0800
0250
1000
0400
1024
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8โ€)
4000 = 4 mm
4760 = 4.76 mm (3/16โ€)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4โ€)
8000 = 8 mm
Base Number
amt303 KItS
In order to provide maximum flexibility for our customers, the AMT303 series is provided in kit form standard. This allows the user to implement the encoder
into a range of applications using one sku#, reducing engineering and inventory costs.
(4.76mm)
3mm
4mmm
m
2
m
m
5
3/16 inch
1/4 inch
(6.35mm)
(3.175mm)
6mm
8mm
1/8 inch
Snow
e
u
l
B
y
k
S
t
h
g
i
L
e
g
n
a
r
O
1
e
l
p
r
u
P
0
6
y
a
r
G
1
w
o
ll
e
Y
1
d
e
RGreen1
Blue
SLEEVES
ADAPTER
SHAFT
BASE
TOOL A
TOP COVER
TOOL C
Output Signals:
โ€œblankโ€ = A, B, Z, U, V, W
LD = Line Driver
A, A, B, B, Z, Z, U, V, W
Motor Poles:
02
10
04
12
06
20
08
Direction:
โ€œblankโ€ = CCW
CW = clockwise
amt303XX-v
Output Signals:
โ€œblankโ€ = A, B, Z, U, V, W signals
LD = Line Driver
A, A, B, B, Z, Z, U, V, W signals
oRdERInG GUIdE


Html Pages

1  2  3  4  5  6 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn