전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AMT303 데이터시트(HTML) 1 Page - CUI INC

부품명 AMT303
상세내용  MODULAR ENCODER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo 

AMT303 데이터시트(HTML) 1 Page - CUI INC

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 1 / 6 page
background image
cui.com
date 05/04/2011
page 1 of 6
SERIES: AMT303
dEScRIptIon: MODULAR ENCODER
ElEctRIcal
parameter
conditions/description
min
nom
max
units
power supply
4.5
5
5.5
V
current consumption
8
10
mA
commutation output signals
U, V, W phase
commutation pole
2, 4, 6, 8, 10, 12, 20 (software programmable)
incremental output signals
A, B, Z (AMT303)
A, A, B, B, Z, Z (AMT303LD)
incremental output waveform
square wave
incremental output resolutions
96, 192, 200, 250, 384, 400, 500, 512, 800, 1000,
1024
PPR
index
one pulse per 360 deg.
incremental output current
output voltage - sourcing to +5 V at -32 mA
output voltage - sinking to ground at -32 mA
3.8
0.55
V
V
mEchanIcal
parameter
conditions/description
min
nom
max
units
output range
360
deg.
mounting options
A) 2 x M1.6 on 16 mm (0.63”) bolt circle
B) 2 x #4 on 19.05 mm (0.75”) bolt circle
C) 2 x M1.6 or M2 on 20 mm (0.787”) bolt circle
D) 3 x M1.6 or M2 on 20.9 mm (0.823”) bolt circle
with washers in option B holes
E) 3 x M1.6 or M2 on 22 mm (0.866”) bolt circle
F) 4 x M1.6 or M2 on 25.4 mm (1”) bolt circle
EnvIRonmEntal
parameter
conditions/description
min
nom
max
units
operating temperature
-40
125
°C
humidity
85
%
vibration
1.5 mm, 3 directions, 2 hours
10
55
Hz
FEatURES
U, V, W commutation lines
small size 37 mm
line count up to 1024 PPR
optional line driver output (303LD)
single pulse index
capacitive ASIC technology
modular locking hub design for ease of installation
2, 4, 6, 8, 10, 12, or 20 pole motors
6 programmable functions
’One Touch’ commutation signal alignment
RoHS
®


Html Pages

1  2  3  4  5  6 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn