전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-TDR019V1 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STEVAL-TDR019V1
상세설명  Demonstration board using the PD85004 for 900 MHz 2-way radio
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR019V1 데이터시트(HTML) 4 Page - STMicroelectronics

  STEVAL-TDR019V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR019V1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Impedance
STEVAL-TDR019V1
4/9
Doc ID 18092 Rev 1
2
Impedance
Figure 1.
Impedance illustration
Table 3.
Impedance data
F (MHz)
ZGS
ZDL
860
2,460 + j6,634
8,383 + j2,828
870
2,489 + j6,787
8,222 + j3,179
880
2,588 + j6,833
8,075 + j3,456
890
2,581 + j6,913
7,884 + j3,797
900
2,629 + j6,970
7,773 + j4,100
910
2,601 + j7,063
7,609 + j4,449
920
2,570 + j7,091
7,495 + j4,773
930
2,529 + j7,134
7,360 + j5,069
940
2,423 + j7,171
7,152 + j5,365
950
2,385 + j7,246
7,079 + j5,709
960
2,265 + j7,338
6,952 + j6,071
ZDL
ZIN
G
D
S
ZGS


유사한 부품 번호 - STEVAL-TDR019V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
   Demonstration board using the PD84002 for UHF RFID reader
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
   RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
More results

유사한 설명 - STEVAL-TDR019V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
   demonstration board using the VIPer16LN
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
   Demonstration board using the PD84002 for UHF RFID reader
logo
Microchip Technology
DM183033 MICROCHIP-DM183033 Datasheet
107Kb / 2P
   Internet Radio Demonstration Board
01/02/08
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
logo
STMicroelectronics
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com